Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-A151 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-A151
Description  7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-A151 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-A151 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-A151 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-A151 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-A151 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-A151 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-A151 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-A151 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-A151 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-A151 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2010 Avago Technologies. All rights reserved. Obsoletes 5988-4434EN
AV02-2553EN - August 30, 2010
Color Categories
Color
Bin
Dominant Wavelength (nm)
Min.
Max.
Yellow
1
581.50
585.00
3
584.00
587.50
2
586.50
590.00
4
589.00
592.50
Green
2
573.00
577.00
3
570.00
574.00
4
567.00
571.00
5
564.00
568.00
Note:
All categories are established for classification of products. Products
may not be available in all categories. Please contact your Avago
representatives for further clarification/information.
Contrast Enhancement
For information on contrast enhancement, please see
Application Note 1015.
Soldering/Cleaning
Cleaning agents from the ketone family (acetone, methyl
ethyl ketone, etc.) and from the chlorinated hydrocarbon
family (methylene chloride, trichloroethylene, carbon tet-
rachloride, etc.) are not recommended for cleaning LED
parts. All of these various solvents attack or dissolve the
encapsulating epoxies used to form the package of plastic
LED parts.
For information on soldering LEDs, please refer to Appli-
cation Note 1027.


Similar Part No. - HDSP-A151

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-A151 HP-HDSP-A151 Datasheet
121Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A151 AVAGO-HDSP-A151 Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A151 AVAGO-HDSP-A151 Datasheet
396Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
More results

Similar Description - HDSP-A151

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-740X AVAGO-HDSP-740X Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-7501 HP-HDSP-7501 Datasheet
218Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-740X HP-HDSP-740X Datasheet
121Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7801-JK000 AVAGO-HDSP-7801-JK000 Datasheet
224Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A151 AVAGO-HDSP-A151 Datasheet
396Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-E150 AVAGO-HDSP-E150 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com