Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3C105F780I7 Datasheet(PDF) 92 Page - Altera Corporation

Part # EP3C105F780I7
Description  This section provides a complete overview of all features relating to the Cyclone III device family
Download  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C105F780I7 Datasheet(HTML) 92 Page - Altera Corporation

Back Button EP3C105F780I7 Datasheet HTML 88Page - Altera Corporation EP3C105F780I7 Datasheet HTML 89Page - Altera Corporation EP3C105F780I7 Datasheet HTML 90Page - Altera Corporation EP3C105F780I7 Datasheet HTML 91Page - Altera Corporation EP3C105F780I7 Datasheet HTML 92Page - Altera Corporation EP3C105F780I7 Datasheet HTML 93Page - Altera Corporation EP3C105F780I7 Datasheet HTML 94Page - Altera Corporation EP3C105F780I7 Datasheet HTML 95Page - Altera Corporation EP3C105F780I7 Datasheet HTML 96Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 274 page
background image
5–32
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
PLL Reconfiguration
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
Table 5–10 lists the PLL counter selection based on the corresponding
PHASECOUNTERSELECT
setting.
To perform one dynamic phase shift step, you must perform the following
procedures:
1. Set PHASEUPDOWN and PHASECOUNTERSELECT as required.
2. Assert PHASESTEP for at least two SCANCLK cycles. Each PHASESTEP pulse allows one
phase shift.
3. Deassert PHASESTEP after PHASEDONE goes low.
4. Wait for PHASEDONE to go high.
5. Repeat steps 1 through 4 as many times as required to perform multiple phase-
shifts.
PHASEUPDOWN
and PHASECOUNTERSELECT signals are synchronous to SCANCLK and must
meet the tsu and th requirements with respect to the SCANCLK edges.
1 You can repeat dynamic phase-shifting indefinitely. For example, in a design where
the VCO frequency is set to 1,000 MHz and the output clock frequency is set to
100 MHz, performing 40 dynamic phase shifts (each one yields 125 ps phase shift)
results in shifting the output clock by 180, in other words, a phase shift of 5 ns.
PHASESTEP
Logic high enables dynamic phase shifting.
Logic array or I/O
pins
PLL
reconfiguration
circuit
SCANCLK
Free running clock from core used in
combination with PHASESTEP to enable or
disable dynamic phase shifting. Shared with
SCANCLK
for dynamic reconfiguration.
GCLK or I/O pins
PLL
reconfiguration
circuit
PHASEDONE
When asserted, it indicates to core logic that
the phase adjustment is complete and PLL is
ready to act on a possible second adjustment
pulse. Asserts based on internal PLL timing.
Deasserts on rising edge of SCANCLK.
PLL reconfiguration
circuit
Logic array or
I/O pins
Table 5–9. Dynamic Phase Shifting Control Signals (Part 2 of 2)
Signal Name
Description
Source
Destination
Table 5–10. Phase Counter Select Mapping
PHASECOUNTERSELECT [2]
[1]
[0]
Selects
0
0
0
All Output Counters
0
0
1
M Counter
0
1
0
C0 Counter
0
1
1
C1 Counter
1
0
0
C2 Counter
1
0
1
C3 Counter
1
1
0
C4 Counter


Similar Part No. - EP3C105F780I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C10 ALTERA-EP3C10 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
EP3C10 ALTERA-EP3C10 Datasheet
778Kb / 34P
   Cyclone III Device Data Sheet
EP3C10 ALTERA-EP3C10 Datasheet
406Kb / 8P
   Cyclone III low-cost FPGAs
EP3C10 ALTERA-EP3C10 Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP3C10 ALTERA-EP3C10 Datasheet
7Mb / 274P
   Chapter Revision Dates
More results

Similar Description - EP3C105F780I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4SE360F35I4 ALTERA-EP4SE360F35I4 Datasheet
10Mb / 432P
   This section provides a complete overview of all features relating to the Stratix IV device family, which is the most architecturlly advanced
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP3C10E144C7N ALTERA-EP3C10E144C7N Datasheet
395Kb / 14P
   1. Cyclone III Device Family Overview
logo
NXP Semiconductors
SCF5250EC NXP-SCF5250EC Datasheet
1Mb / 56P
   This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
logo
Altera Corporation
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP3SL70F780C3N ALTERA-EP3SL70F780C3N Datasheet
201Kb / 16P
   Stratix III Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com