Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-A211 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-A211
Description  Black Surface Seven Segment Displays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-A211 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-A211 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-A211 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-A211 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-A211 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-A211 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-A211 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-A211 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-A211 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-A211 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Absolute Maximum Ratings
AlGaAs Red
HER/Orange
Green
HDSP-X11X
HDSP-X21X/X41X
HDSP-X51X
Description
Series
Series
Series
Units
Average Power per Segment or DP
37
105
105
mW
Peak Forward Current per Segment or DP
45
90[1]
90[3]
mA
DC Forward Current per Segment or DP
15[5]
30[2]
30[4]
mA
Operating Temperature Range
–20 to +100
–40 to +100
°C
Storage Temperature Range
–55 to +100
°C
Reverse Voltage per Segment or DP
3.0
V
Wave Soldering Temperature for 3 Seconds
250
°C
(1.60 mm [0.063 in.] below Body)
Notes:
1. See Figure 5 to establish pulsed conditions.
2. Derate above 53°C at 0.45 mA/°C (see Figure 7).
3. See Figure 6 to establish pulsed conditions.
4. Derate above 39°C at 0.37 mA/°C (see Figure 7).
5. Derate above 91°C at 0.53 mA/°C (see Figure 1).
Electrical/Optical Characteristics at TA = 25°C
AlGaAs Red
Device Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
A11X
Luminous Intensity/Segment[1,2]
IV
315
600
μcd
IF = 1 mA
(Digit Average)
3600
IF = 5 mA
F11X, G11X
330
650
IF = 1 mA
3900
IF = 5 mA
H11X, K11X
400
700
IF = 1 mA
4200
IF = 5 mA
All Devices
Forward Voltage/Segment or DP
VF
1.6
2.0
V
IF = 1 mA
1.7
IF = 5 mA
1.8
2.2
IF = 20 mA Peak
Peak Wavelength
OPEAK
645
nm
Dominant Wavelength[3]
Od
637
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
15
V
IR = 100 μA
Temperature Coefficient of
ΔVF/°C
-2
mV/°C
VF/Segment or DP
A11X
Thermal Resistance LED
R
TJ-PIN
255
°C/W/
F11X, G11X
Junction-to-Pin
320
Seg.
H11X, K12X
400


Similar Part No. - HDSP-A211

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-A211 HP-HDSP-A211 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A211 AVAGO-HDSP-A211 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-A211-00000 HP-HDSP-A211-00000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
HDSP-A211-0B000 HP-HDSP-A211-0B000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
HDSP-A211-0C000 HP-HDSP-A211-0C000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - HDSP-A211

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-AX11 HP-HDSP-AX11 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-AX11 AVAGO-HDSP-AX11 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
   SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
   Seven Segment Displays
logo
QT Optoelectronics
FND367 QT-FND367 Datasheet
409Kb / 4P
   SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
logo
QT Optoelectronics
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com