Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-9100 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-9100
Description  Surface-Mount Proximity Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-9100 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSDL-9100_09 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100_09 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100_09 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100_09 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100_09 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100_09 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100_09 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100_09 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100_09 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Figure 11. Solder stencil aperture
Figure 12. Keep-out area
Adjacent Land Keep out and Solder Mask Areas
Adjacent land keep out is the maximum space occupied
by the unit relative to the land pattern. There should be
no other SMD components within this area. The minimum
solder resist strip width required to avoid solder bridging
adjacent pads is 0.2mm.It is recommended that two
fiducial crosses be placed at mid length of the pads for
unit alignment. Also do take note that there should not
be any electrical routing with the component placement
compartment.
Note:
Wet/Liquid Photo-imaginable solder resist/mask is recommended
Recommended Metal solder Stencil Aperture
It is recommended that only a 0.152 mm (0.006 inch) or
a 0.127 mm (0.005 inch) thick stencil be used for solder
paste printing. This is to ensure adequate printed solder
paste volume and no shorting. See Table 1 below the
drawing for combinations of metal stencil aperture and
metal stencil thickness that should be used. Aperture
opening for shield pad is 3.05 mm x 1.1 mm as per land
pattern.
Table 1. Combinations of metal stencil aperture and metal
stencil thickness
Stencil
thickness,
t (mm)
Aperture size (mm)
Length,
l
Width,
w
0.152
1.60+/-0.05
0.55+/-0.05
0.127
1.92
0.55+/-0.05
Dim.
mm
h
4.15
l11
k
5.5
j
3.5
Recommended land pattern
Figure 10. Land Pattern
Solder Pad, Mask and Metal Stencil
Appendix A: HSDL-9100 SMT Assembly Application Note
PCBA
Land Pattern
Solder Mask
Metal stencil for
solder paste printing
Stencil Aperture
l
w
t
Apertures as per
Land Dimensions
Mounting Center
j
h
Component placement
Solder Mask
k
l
Figure 9. Stencil and PCBA
Solder / stencil opening for each pad is 2.4mm x0.6mm
7.7
7.1
2.4
2.1


Similar Part No. - HSDL-9100_09

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9100-001 AVAGO-HSDL-9100-001 Datasheet
356Kb / 12P
   Surface-Mount Proximity Sensor
HSDL-9100-021 AVAGO-HSDL-9100-021 Datasheet
356Kb / 12P
   Surface-Mount Proximity Sensor
More results

Similar Description - HSDL-9100_09

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9100 AVAGO-HSDL-9100 Datasheet
356Kb / 12P
   Surface-Mount Proximity Sensor
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
   Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
   Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
   Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
   Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
   Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
   Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com