Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-9100-024 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-9100-024
Description  Surface-Mount Proximity Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-9100-024 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSDL-9100-024 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Baking Conditions Chart
HSDL-9100 Moisture Proof Packaging
All HSDL-9100 options are shipped in moisture proof
package. Once opened, moisture absorption begins.
This part is compliant to JEDEC Level 3.
Baking Conditions
If the parts are not stored in dry conditions, they must
be baked before reflow to prevent damage to the parts.
Package
Temp
Time
In reels
60 °C
t 48hours
In bulk
100 °C
t 4hours
125 °C
t 2 hours
Baking should only be done once.
Recommended Storage Conditions
Storage Temperature
10°C to 30°C
Relative Humidity
below 60% RH
Time from unsealing to soldering
After removal from the bag, the parts should be soldered
within seven days if stored at the recommended storage
conditions.
Figure 7. Baking conditions chart
Environment
less than 30 deg C,
and less than
60% RH
Yes
No
No
Yes
Perform Recommended
Baking Conditions
Package Is
Opened (Unsealed)
Units in A Sealed
Moisture-Proof
Package
No Baking
Is Necessary
Package Is
Opened less
Than 168 hours


Similar Part No. - HSDL-9100-024

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9100-021 AVAGO-HSDL-9100-021 Datasheet
356Kb / 12P
   Surface-Mount Proximity Sensor
More results

Similar Description - HSDL-9100-024

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9100 AVAGO-HSDL-9100 Datasheet
356Kb / 12P
   Surface-Mount Proximity Sensor
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
   Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
   Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
   Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
   Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
   Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
   Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com