Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-9100-024 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-9100-024
Description  Surface-Mount Proximity Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-9100-024 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSDL-9100-024 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-9100-024 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Distance = D(mm)
Distance = -D(mm)
5mm
LED
PIN
18% Reflection
Gray Card
The diagram below illustrates the explanation of edge
distance. Edge detection is labeled as D in the diagram
below.
-40
-20
0
20
4060
80
100
3V
6V
9V
(Photodiode) Dark Current Vdet = 3/6/9V vs Across Temperature
Temperature (˚C)
Output Voltage vs Distance @ Room Temp and RL = 100K
Ohm ILED = 100mA, 200mA and 300mA Pulse
Distance (mm)
300mA
200mA
100mA
90
2
3
510
20
30
405060
80 100 120 300 400 450
1.0E+0
10.0E+0
100.0E+0
1.0E+
3
Output Voltage Vs Edge Distance @ Room Temp
and RL=100K Ohm ILED=300mA, D=3/4/5mm
0
100
200
300
400
500
600
700
800
900
1000
-10
-8
-6
-4
-2
0
2
4
6
Edge Distance (mm)
3mm
4mm
5mm


Similar Part No. - HSDL-9100-024

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9100-021 AVAGO-HSDL-9100-021 Datasheet
356Kb / 12P
   Surface-Mount Proximity Sensor
More results

Similar Description - HSDL-9100-024

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-9100 AVAGO-HSDL-9100 Datasheet
356Kb / 12P
   Surface-Mount Proximity Sensor
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
   Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
   Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
   Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
   Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
   Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
   Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com