Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3C80F484C8N Datasheet(PDF) 6 Page - Altera Corporation

Part # EP3C80F484C8N
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C80F484C8N Datasheet(HTML) 6 Page - Altera Corporation

Back Button EP3C80F484C8N Datasheet HTML 2Page - Altera Corporation EP3C80F484C8N Datasheet HTML 3Page - Altera Corporation EP3C80F484C8N Datasheet HTML 4Page - Altera Corporation EP3C80F484C8N Datasheet HTML 5Page - Altera Corporation EP3C80F484C8N Datasheet HTML 6Page - Altera Corporation EP3C80F484C8N Datasheet HTML 7Page - Altera Corporation EP3C80F484C8N Datasheet HTML 8Page - Altera Corporation EP3C80F484C8N Datasheet HTML 9Page - Altera Corporation EP3C80F484C8N Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
1–6
Chapter 1: Cyclone III Device Datasheet
Electrical Characteristics
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 2
OCT Specifications
Table 1–6 lists the variation of OCT without calibration across process, temperature,
and voltage.
OCT calibration is automatically performed at device power-up for OCT enabled
I/Os.
Table 1–7 lists the OCT calibration accuracy at device power-up.
Bus-hold
low,
overdrive
current
0 V < VIN < VCCIO
125
175
200
300
500
500
A
Bus-hold
high,
overdrive
current
0 V < VIN < VCCIO
–125
–175
–200
–300
–500
–500
A
Bus-hold trip
point
0.3
0.9
0.375
1.125
0.68
1.07
0.7
1.7
0.8
2
0.8
2
V
Note to Table 1–5:
(1) The bus-hold trip points are based on calculated input voltages from the JEDEC standard.
Table 1–5. Cyclone III Devices Bus Hold Parameter
(Part 2 of 2) (1)
Parameter
Condition
VCCIO (V)
Unit
1.2
1.5
1.8
2.5
3.0
3.3
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Table 1–6. Cyclone III Devices Series OCT without Calibration Specifications
Description
VCCIO (V)
Resistance Tolerance
Unit
Commercial
Max
Industrial and Automotive
Max
Series OCT without
calibration
3.0
±30
±40
%
2.5
±30
±40
%
1.8
+40
±50
%
1.5
+50
±50
%
1.2
+50
±50
%
Table 1–7. Cyclone III Devices Series OCT with Calibration at Device Power-Up Specifications
Description
VCCIO (V)
Calibration Accuracy
Unit
Commercial Max
Industrial and Automotive
Max
Series OCT with
calibration at device
power-up
3.0
±10
±10
%
2.5
±10
±10
%
1.8
±10
±10
%
1.5
±10
±10
%
1.2
±10
±10
%


Similar Part No. - EP3C80F484C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C80F484C6N ALTERA-EP3C80F484C6N Datasheet
442Kb / 8P
   Cyclone III low-cost FPGAs
More results

Similar Description - EP3C80F484C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C5F256C7N ALTERA-EP3C5F256C7N Datasheet
859Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP3C16E144C7N ALTERA-EP3C16E144C7N Datasheet
848Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP3C80F780C8N ALTERA-EP3C80F780C8N Datasheet
848Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP3C80F780C7 ALTERA-EP3C80F780C7 Datasheet
848Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP4SGX360KF40C3N ALTERA-EP4SGX360KF40C3N Datasheet
1Mb / 82P
   This chapter covers the electrical and switching characteristics for Stratix IV devices
5M240ZM100C5N ALTERA-5M240ZM100C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M240ZM68I5N ALTERA-5M240ZM68I5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZF256C5N ALTERA-5M1270ZF256C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZT144C5N ALTERA-5M1270ZT144C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZM100I5N ALTERA-5M160ZM100I5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com