Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.3-VLVTTL Datasheet(PDF) 10 Page - Altera Corporation

Part # 3.3-VLVTTL
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

3.3-VLVTTL Datasheet(HTML) 10 Page - Altera Corporation

Back Button 3.3-VLVTTL Datasheet HTML 6Page - Altera Corporation 3.3-VLVTTL Datasheet HTML 7Page - Altera Corporation 3.3-VLVTTL Datasheet HTML 8Page - Altera Corporation 3.3-VLVTTL Datasheet HTML 9Page - Altera Corporation 3.3-VLVTTL Datasheet HTML 10Page - Altera Corporation 3.3-VLVTTL Datasheet HTML 11Page - Altera Corporation 3.3-VLVTTL Datasheet HTML 12Page - Altera Corporation 3.3-VLVTTL Datasheet HTML 13Page - Altera Corporation 3.3-VLVTTL Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
1–10
Chapter 1: Cyclone III Device Datasheet
Electrical Characteristics
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 2
Schmitt Trigger Input
Cyclone III devices support Schmitt trigger input on TDI, TMS, TCK, nSTATUS, nCONFIG,
nCE
, CONF_DONE, and DCLK pins. A Schmitt trigger feature introduces hysteresis to the
input signal for improved noise immunity, especially for signal with slow edge rate.
Table 1–12 lists the hysteresis specifications across supported VCCIO range for Schmitt
trigger inputs in Cyclone III devices.
I/O Standard Specifications
The following tables list input voltage sensitivities (VIH and VIL), output voltage (VOH
and VOL), and current drive characteristics (IOH and IOL) for various I/O standards
supported by Cyclone III devices. Table 1–13 through Table 1–18 provide the I/O
standard specifications for Cyclone III devices.
Table 1–12. Hysteresis Specifications for Schmitt Trigger Input in Cyclone III Devices
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VSCHMITT
Hysteresis for Schmitt trigger
input
VCCIO = 3.3 V
200
mV
VCCIO = 2.5 V
200
mV
VCCIO = 1.8 V
140
mV
VCCIO = 1.5 V
110
mV
Table 1–13. Cyclone III Devices Single-Ended I/O Standard Specifications (1), (2)
I/O Standard
VCCIO (V)
VIL (V)
VIH (V)
VOL (V)
VOH (V)
IOL
(mA)
IOH
(mA)
Min
Typ
Max
Min
Max
Min
Max
Max
Min
3.3-V LVTTL (3)
3.135
3.3
3.465
0.8
1.7
3.6
0.45
2.4
4
–4
3.3-V LVCMOS (3)
3.135
3.3
3.465
0.8
1.7
3.6
0.2
VCCIO – 0.2
2
–2
3.0-V LVTTL (3)
2.85
3.0
3.15
–0.3
0.8
1.7
VCCIO + 0.3
0.45
2.4
4
–4
3.0-V LVCMOS (3)
2.85
3.0
3.15
–0.3
0.8
1.7
VCCIO + 0.3
0.2
VCCIO – 0.2
0.1
–0.1
2.5-V LVTTL and
LVCMOS (3)
2.375
2.5
2.625
–0.3
0.7
1.7
3.6
0.4
2.0
1
–1
1.8-V LVTTL and
LVCMOS
1.71
1.8
1.89
–0.3
0.35 *
VCCIO
0.65 *
VCCIO
2.25
0.45
VCCIO
0.45
2–2
1.5-V LVCMOS
1.425
1.5
1.575
–0.3
0.35 *
VCCIO
0.65 *
VCCIO
VCCIO + 0.3
0.25 *
VCCIO
0.75 *
VCCIO
2–2
1.2-V LVCMOS
1.14
1.2
1.26
–0.3
0.35 *
VCCIO
0.65 *
VCCIO
VCCIO + 0.3
0.25 *
VCCIO
0.75 *
VCCIO
2–2
3.0-V PCI
2.85
3.0
3.15
0.3 *
VCCIO
0.5 *
VCCIO
VCCIO + 0.3 0.1 * VCCIO
0.9 * VCCIO
1.5
–0.5
3.0-V PCI-X
2.85
3.0
3.15
0.35*
VCCIO
0.5 *
VCCIO
VCCIO + 0.3 0.1 * VCCIO
0.9 * VCCIO
1.5
–0.5
Notes to Table 1–13:
(1) For voltage referenced receiver input waveform and explanation of terms used in Table 1–13, refer to “Single-ended Voltage referenced I/O Standard”
in “Glossary” on page 1–27.
(2) AC load CL = 10 pF.
(3) For more detail about interfacing Cyclone III devices with 3.3/3.0/2.5-V LVTTL/LVCMOS I/O standards, refer to AN 447: Interfacing Cyclone III
Devices with 3.3/3.0/2.5-V LVTTL and LVCMOS I/O Systems.


Similar Part No. - 3.3-VLVTTL

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
3.3-B CERAMATE-3.3-B Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
More results

Similar Description - 3.3-VLVTTL

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C5F256C7N ALTERA-EP3C5F256C7N Datasheet
859Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP3C16E144C7N ALTERA-EP3C16E144C7N Datasheet
848Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP3C80F780C8N ALTERA-EP3C80F780C8N Datasheet
848Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP3C80F780C7 ALTERA-EP3C80F780C7 Datasheet
848Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP4SGX360KF40C3N ALTERA-EP4SGX360KF40C3N Datasheet
1Mb / 82P
   This chapter covers the electrical and switching characteristics for Stratix IV devices
5M240ZM100C5N ALTERA-5M240ZM100C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M240ZM68I5N ALTERA-5M240ZM68I5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZF256C5N ALTERA-5M1270ZF256C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZT144C5N ALTERA-5M1270ZT144C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZM100I5N ALTERA-5M160ZM100I5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com