Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7115 Datasheet(PDF) 5 Page - IC MICROSYSTEMS

Part # ICM7115
Description  LOW COST SINGLE CHIP TELEPHONE IC WITH VOLUME CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7115 Datasheet(HTML) 5 Page - IC MICROSYSTEMS

  ICM7115 Datasheet HTML 1Page - IC MICROSYSTEMS ICM7115 Datasheet HTML 2Page - IC MICROSYSTEMS ICM7115 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7115 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7115 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7115 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7115 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7115 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7115 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ICM7115
LOW COST SINGLE CHIP TELEPHONE IC
WITH VOLUME CONTROL
Rev. 2.5
ICmic reserves the right to change the specifications without prior notice
5
present, the typical AC impedance is 1000 .
Refer to Figure 2 for the equivalent test circuit.
RZAC=100K
typically sets the AC impedance
to 600 . Please note that the overall system
AC impedance also depends on the whole
system circuit.
DTMF Signal Level
DTMF signal level can be selected by setting
MFL0 pin as follow:
MFL0
DTMF level
0
Low, typical -8/-10dB
1
High, typical -6/-8dB
DIALING FUNCTIONS
Keypad arrangement is as shown in the typical
application circuit in Appendix A. Dialing
modes are selectable using the pull-up/pull-
down resistors connected to the row inputs.
As soon as the phone goes off-hook (i.e when
HS_DPB pin goes HIGH), voltage levels on
keypad row inputs (R1 thru R4) are first
scanned to determine the operating mode as
follow:
Pin
Function
Level – Mode
R1
Dialing Mode
0 – MF mode
1 – Pulse mode
R2
Pulse Period
0 – 10 PPS
1 – 20 PPS
R3
Make/Break
Ratio
0 – 40/60
1 – 33/67
R4
DTMF option
0 – 82ms/82ms
1 – 82ms/160ms
Valid Keys
ICM7115 has a total of 16 valid keys. It scans
the keys by asserting known state on pins R1,
R2, R3, and R4 in sequence, and check which
column (pins C1B, C2B, C3B, C4B) is shorted
to which row. The following specify the
combinations:
C1B
C2B
C3B
C4B
R1
1
2
3
Vol_up
R2
4
5
6
Vol_Down
R3
7
8
9
Flash
R4
*
0
#
LNR
DTMF Tones
The DTMF tone generator creates 12 tones in
compliance
with
CCITT
Recommendation.
There are two group of frequencies of DTMF
tones. The low group depends on the key’s
row, while the high group depends on the
key’s column as illustrated in the following
table:
C1B
C2B
C3B
Low
Freq
R1
1
2
3
697 Hz
R2
4
5
6
770 Hz
R3
7
8
9
852 Hz
R4
*
0
#
941 Hz
High Freq 1209 Hz 1336 Hz 1477 Hz
Last Number Redial (LNR)
The last Number Redial (LNR) is a facility of
ICM7115 to allow resignalling of the last
manually dialled number without keying in all
digits again. The LNR is repeatable after each
off-hook.
A manually entered number is stored in
internal 32-digit RAM. VDD shall not fall below
1.0V during on-hook state to properly retain
the data in the memory.
Flash
ICM7115
asserts
line
break
(pulls
down
HS_DPB pin) when Flash key is depressed. The
flash duration depends on the input levels of
FOPT0 pin as follow:
FOPT0
Flash Duration
0
300 ms
1
600 ms
Vol_Up
When Vol_Up key is depressed ICM7115
increases the receive gain by 13.5dB in three
steps (from default level).
Vol_Down
When Vol_Down key is depressed ICM7115
decreases the receive gain by -10.5dB in four
steps (from default level).


Similar Part No. - ICM7115

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
More results

Similar Description - ICM7115

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7102B ICMIC-ICM7102B Datasheet
364Kb / 12P
   LOW COST SINGLE CHIP TELEPHONE IC
logo
List of Unclassifed Man...
ICM7101D ETC-ICM7101D Datasheet
212Kb / 11P
   LOW COST SINGLE CHIP TELEPHONE IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
logo
Toshiba Semiconductor
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
   ELECTRONIC VOLUME CONTROL IC
logo
ATMEL Corporation
U2008B ATMEL-U2008B_07 Datasheet
341Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2010B-MFPY ATMEL-U2010B-MFPY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2008B ATMEL-U2008B Datasheet
70Kb / 10P
   Low-Cost Phase-Control IC with Soft Start
U2008B-MY ATMEL-U2008B-MY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2010B-MY ATMEL-U2010B-MY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com