Electronic Components Datasheet Search |
|
61400826021 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
61400826021 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
1 / 1 page 1 2 3 4 5 A B C D SIZE A4 REV DATE FILE BY A 23-MAR-09 NEW DRAW JP B 19-NOV-09 STANDARD JP C 25-JAN-10 NEW DRAW SHIELD JP D E 23-JUL-11 NEW MOLD JC F G APPROVAL: RJ UNIT: MM DESCRIPTION: DUAL USB TYPE A VERTICAL SCALE: SHEET: 1/2 WERI PART NO: 614 008 260 21 DRAW: MIKE PROJECTION: GENERAL TOLERANCE .X = +/- 0.2 .XX = +/- 0.15 RoHS Compliant TECHNICAL CHARACTERISTICS MATERIAL INSULATOR: PBT FLAMABILITY RATING: UL94-V0 COLOR: WHITE CONTACT MATERIAL: COPPER ALLOYS CONTACT TYPE: STAMPED CONTACT PLATING: SELECTIVE GOLD SHIELDING: BRASS Ni PLATED QUALITY CLASS: 1500 MATING CYCLES ENVIRONMENTAL OPERATING TEMPERATURE: -40 UP TO 105°C COMPLIANCE: LEAD FREE AND ROHS ELECTRICAL CURRENT RATING: 1A WORKING VOLTAGE: 30V INSULATOR RESISTANCE: >1000 MOHM DIELECTRIC WITHSTANDING VOLTAGE: 750V AC/MN CONTACT RESISTANCE: 20 mOHM MAX STANDARD CERTIFIED: E323964 / MODEL NUMBER 614-60 SOLDERING WAVE PROCESS ONLY PACKAGING TRAY 08-JUL-10 PACKAGING JC |
Similar Part No. - 61400826021 |
|
Similar Description - 61400826021 |