Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFIC1817 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRFIC1817
Description  1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1817 Datasheet(HTML) 3 Page - Motorola, Inc

  MRFIC1817 Datasheet HTML 1Page - Motorola, Inc MRFIC1817 Datasheet HTML 2Page - Motorola, Inc MRFIC1817 Datasheet HTML 3Page - Motorola, Inc MRFIC1817 Datasheet HTML 4Page - Motorola, Inc MRFIC1817 Datasheet HTML 5Page - Motorola, Inc MRFIC1817 Datasheet HTML 6Page - Motorola, Inc MRFIC1817 Datasheet HTML 7Page - Motorola, Inc MRFIC1817 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MRFIC1817
MOTOROLA RF DEVICE DATA
1
2
3
4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
5
6
D
G
S
D
D
D
S
VRAMP
Vreg
R5
R4
L2
NC
C16
C17
C14
C15
STANDBY
NC
NC
C11
C3
C2
C1
R2
R1
C13
C18
IN
L1
C4
RF
OUT
C5
0 V
0 V
3.0 V
3.0 V
VG TUNE
7
8
C1
6.8 nF
C2, C9, C10 22 pF, 0603 NPO/COG
C3, C11 47 nF
C4
5.6 pF, AVX0603 ACCUF
C5
3.9 pF, AVX0603 ACCUF
C12
220 nF
C13, C16, C17, C19 1
µF
C14, C15 1
µF
C18
1
µF
C20, C21
1 pF
CR1
MMBD701LT1
L1
18 nH, Coilcraft or 20 mm
50
Ω Microstrip Line
L2
1.8 nH, Toko 2012
Q1
MMSF4N01HD
R1
2.7 K
W
R2
3 K
R3
22
R4
100
R5
470
T1
0.5 mm 30
Ω Microstrip Line
T2
5 mm 50
Ω Microstrip Line
T3
8 mm 50
Ω Microstrip Line
T4
1 mm 50
Ω Microstrip Line
T5
5.5 mm 50
W Microstrip Line
U1
MRFIC1817
U2
MC33169 (–4 V Version)
Board Material: Glass/Epoxy,
εr = 4.45,
Thickness = 0.5 mm
T1
RF IN
T3
T4
C9
C10
C12
CR1
Q1
U1
U2
Figure 2. DCS1800/PCS1900 Applications Circuit Configuration
T2
R3
VBAT
C19
C21
C20
T5
NOTE: For PCS1900 applications, the following
component values are changed
L2 = 1.5 nH Toko 2012
C4 = 6.8 pF, AVX0603 ACCUF
C5 = 2.7 pF, AVX0603 ACCUF
C20 = Not Used
T1 = 0.5 mm 50
W Microstrip Line
T2 = 5 mm 50
W Microstrip Line
T3 = 1 mm 40
W Microstrip Line


Similar Part No. - MRFIC1817

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1813 MOTOROLA-MRFIC1813 Datasheet
157Kb / 8P
   1.9 GHz UPMIXER AND EXCITER AMPLIFIER
MRFIC1814 MOTOROLA-MRFIC1814 Datasheet
79Kb / 4P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC1817

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
RF Micro Devices
RF2145 RFMD-RF2145 Datasheet
76Kb / 6P
   DCS1800/1900 POWER AMPLIFIER
logo
NXP Semiconductors
BGY284 PHILIPS-BGY284 Datasheet
241Kb / 23P
   Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 & PCS1900
2003 Aug 20
BGY288 PHILIPS-BGY288 Datasheet
140Kb / 22P
   Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 and PCS1900
Rev. 01-2 February 2005
logo
Motorola, Inc
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
   2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
RMBA19500A FAIRCHILD-RMBA19500A Datasheet
88Kb / 7P
   PCS1900 2 Watt GaAs MMIC Power Amplifier
logo
Toshiba Semiconductor
TG2401F TOSHIBA-TG2401F Datasheet
219Kb / 7P
   GaAs Linear Integrated Circuit GaAs Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com