Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IK3052S2T Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IK3052S2T
Description  Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK3052S2T Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IK3052S2T Datasheet HTML 1Page - IK Semicon Co., Ltd IK3052S2T Datasheet HTML 2Page - IK Semicon Co., Ltd IK3052S2T Datasheet HTML 3Page - IK Semicon Co., Ltd IK3052S2T Datasheet HTML 4Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA
2011, February, Rev. 01
Constant Voltage and Constant Current Controller
for Adaptors and Battery Chargers
Description
IK3052 is a highly integrated solution for SMPS applications
requiring constant voltage and constant current mode.
IK3052 integrates one voltage reference, two operational amplifiers
(with ORed outputs – common collectors), and a current sensing circuit.
The voltage reference combined with one operational amplifier
makes it an ideal voltage controller, and the other low voltage reference
combined with the other operational amplifier makes it an ideal current
limiter for output low side current sensing.
The current threshold is fixed and precise.
The only external components are:
A resistor bridge to be connected to the output of the power supply
(adapter, battery charger) to set the voltage regulation by dividing
the desired output voltage to match the internal voltage reference
value.
A sense resistor having a value and allowable dissipation power
which need to be chosen according to the internal voltage threshold.
Optional compensation components (R and C).
IK3052, is ideal for smallest package available, is ideal for space
shrinked applications such as adapters and battery chargers.
Features
CONSTANT VOLTAGE AND CONSTANT CURRENT
CONTROL
• LOW VOLTAGE OPERATION
• PRECISION INTERNAL COMPONENT COUNT
• CURRENT SINK OUTPUT STAGE
• EASY COMPENSATION
• LOW AC MAINS VOLTAGE REJECTION
PIN CONNECTION (top view)
Pin Definitions and Functions
SOT23-6 Pin out
Name
Pin#
Type
Function
Vcc
6
Power Supply
Positive Power Supply Line
GND
2
Power Supply
Ground Line. 0V Reference For All Voltages
Vctrl
1
Analog Input
Input Pin of the Voltage Control Loop
Ictrl
4
Analog Input
Input Pin of the Current Control Loop
Out
3
Current Sink Output
Output Pin. Sinking Current Only
Vsense
5
Analog Input
Input Pin of the Current Control Loop
IK3052
ORDERI NG I NFORM ATI ON
Device
Operating
Temperature Range
Package
Shipping
IK3052S2T
TA = 0° to 85° C
for all packages
Plastic
SOT23-6
Tape& Reel


Similar Part No. - IK3052S2T

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK3052A IKSEMICON-IK3052A Datasheet
148Kb / 4P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
IK3052AS2T IKSEMICON-IK3052AS2T Datasheet
148Kb / 4P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
More results

Similar Description - IK3052S2T

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6550G ROHM-BD6550G Datasheet
199Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051A IKSEMICON-IK3051A Datasheet
292Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM1013 STMICROELECTRONICS-TSM1013 Datasheet
113Kb / 8P
   Constant Voltage and Constant Current Controller for Battery Chargers and Adaptors
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051_09 Datasheet
293Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
TS1052 TSC-TS1052 Datasheet
289Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051_08 Datasheet
315Kb / 15P
   Constant voltage and constant current controller for battery chargers and adaptors
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051 Datasheet
523Kb / 9P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com