Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IK3052S2T Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IK3052S2T
Description  Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK3052S2T Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IK3052S2T Datasheet HTML 1Page - IK Semicon Co., Ltd IK3052S2T Datasheet HTML 2Page - IK Semicon Co., Ltd IK3052S2T Datasheet HTML 3Page - IK Semicon Co., Ltd IK3052S2T Datasheet HTML 4Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IK3052
2011, February, Rev. 01
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Vcc
DC Supply Voltage
20
V
Vi
Input Voltage
-0.3 to Vcc
V
Top
Operating Free Air Temperature Range
0 to 85
oC
Tj
Maximum Junction Temperature
150
oC
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Operation Conditions
Symbol
Parameter
Value
Unit
Vcc
DC Supply Conditions
2.5 to 18
V
Electrical Characteristics
Tamb = 25
°C and Vcc = +5V (unless otherwise specified)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Total Current Consumption
Icc
Total Supply Current – not taking the
output sinking current into account
Tamb
0 < Tamb < 85°C
1.1
1.2
2
mA
Voltage Control Loop
Gmv
Transconduction Gain (Vctrl). Sink
Current Only
1)
Tamb
0 < Tamb < 85°C
1
3.5
2.5
mA/mV
Vref
Voltage Control Loop Reference
2)
Tamb
0 < Tamb < 85°C
1.198
1.186
1.21
1.222
1.234
V
Iibv
Input Bias Current (Vctrl)
Tamb
0 < Tamb < 85°C
50
100
nA
Current Control Loop
Gmi
Transconduction Gain (Ictrl). Sink
Current Only
3)
Tamb
0 < Tamb < 85°C
1.5
7
mA/mV
Vsense
Current Control Loop Reference
4)
Iout = 2.5 mA Tamb
0 < Tamb < 85°C
196
192
200
204
208
mV
Iibi
Current out of pin Ictrl at -200mV
Tamb
0 < Tamb < 85°C
25
50
μA
Output Stage
Vol
Low output voltage at 10 mA sinking
current
Tamb
0 < Tamb < 85°C
200
mV
Ios
Output Short Circuit Current. Output
to Vcc. Sink Current Only
Tamb
0 < Tamb < 85°C
27
35
50
mA
1. If the voltage on Vctrl (the negative input of the amplifier) is higher than the positive amplifier input (Vref=1.210V), and
it is increased by 1mV, the sinking current at the output OUT will be increased by 3.5mA.
2. The internal Voltage Reference is set at 1.210V (bandgap reference). The voltage control loop precision takes into
account the cumulative effects of the internal voltage reference deviation as well as the input offset voltage of the trans-
conductance operational amplifier. The internal Voltage Reference is fixed by bandgap, and trimmed to 0.5% accuracy
at room temperature.
3. When the positive input at Ictrl is lower than -200mV, and the voltage is decreased by 1mV, the sinking current at the
output OUT will be increased by 7mA.
4. The internal current sense threshold is set to -200mV. The current control loop precision takes into account the
cumulative effects of the internal voltage reference deviation as well as the input offset voltage of the trans-conduction
operational amplifier.


Similar Part No. - IK3052S2T

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK3052A IKSEMICON-IK3052A Datasheet
148Kb / 4P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
IK3052AS2T IKSEMICON-IK3052AS2T Datasheet
148Kb / 4P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
More results

Similar Description - IK3052S2T

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6550G ROHM-BD6550G Datasheet
199Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051A IKSEMICON-IK3051A Datasheet
292Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM1013 STMICROELECTRONICS-TSM1013 Datasheet
113Kb / 8P
   Constant Voltage and Constant Current Controller for Battery Chargers and Adaptors
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051_09 Datasheet
293Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
TS1052 TSC-TS1052 Datasheet
289Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051_08 Datasheet
315Kb / 15P
   Constant voltage and constant current controller for battery chargers and adaptors
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051 Datasheet
523Kb / 9P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com