Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IK3466 Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IK3466
Description  IC for AC/DC Converter with built?밿n Power DMOS Transistor with Operating Frequency 132 짹 8 kHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK3466 Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IK3466 Datasheet HTML 1Page - IK Semicon Co., Ltd IK3466 Datasheet HTML 2Page - IK Semicon Co., Ltd IK3466 Datasheet HTML 3Page - IK Semicon Co., Ltd IK3466 Datasheet HTML 4Page - IK Semicon Co., Ltd IK3466 Datasheet HTML 5Page - IK Semicon Co., Ltd IK3466 Datasheet HTML 6Page - IK Semicon Co., Ltd IK3466 Datasheet HTML 7Page - IK Semicon Co., Ltd IK3466 Datasheet HTML 8Page - IK Semicon Co., Ltd IK3466 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TECHNICAL DATA
2012, April Ver. 00
IC for AC/DC Converter with built
–in Power DMOS
Transistor with Operating F
requency 132 ± 8 kHz
Functional equivalent of TNY266 (Power Integrations)
Description
IK3466 is IC for AC/DC converter with build
–in power
switch with op
erating frequency 132 ± 8 kHz realized on the
base of high-voltage BiCDMOS process.
IC performs driving of power built in MOSFET switch,
quantity of energy transferred to load is regulated by means
of MOSFET on-time. So output voltage practically doesn
’t
depend from load.
The IC is purposed for adapter battery chargers of the
mobile phones, reserve power supply of PC, TV-sets, AC-
adapters, electrical equipment control units, Integrated
Services Digital Network (ISDN) or Digital Subscriber Line
(DSL) network termination.
Features
Programmable line under-voltage detect circuit
prevents power on/off glitches and minimizes
quantity of external components
132 kHz operation frequency
High output voltage stability
Simple ON/OFF control, no loop compensation
needed
No load consumption < 50 mW with bias winding
and < 250 mW without bias winding at 265 V (AC)
input
High input (supply) voltage makes IC ideal for
charger applications
High bandwidth provides fast turn on with no
overshoot
Built-in current limit and thermal protection circuits
provide high safety
Built-in automatic restart circuit provides short circuit
and open loop protection
Undervoltage detection function
Pin Configuration
IK3466
ORDERING INFORMATION
IK3466N
Plastic
IK3466D
SOIC
ORDERING INFORMATION
Device
Operating
Temperature Range
Package
Packing
IK3466N
ТА = -40… + 125 С
DIP-8
Tube
IK3466D
SOP-8
Tube
IK3466DT
SOP-8
Tape& Reel


Similar Part No. - IK3466

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK3401 IKSEMICON-IK3401 Datasheet
484Kb / 11P
   Green Mode PWM Controller
More results

Similar Description - IK3466

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8904F ROHM-BD8904F Datasheet
682Kb / 16P
   IC card interface ICs with Built-in DC / DC Converter
logo
Altera Corporation
EPM3064ATI44-10N ALTERA-EPM3064ATI44-10N Datasheet
715Kb / 46P
   Built?밿n boundary-scan test circuitry compliant with
logo
NXP Semiconductors
PCF8881 PHILIPS-PCF8881 Datasheet
73Kb / 11P
   132 x 132 RGB single chip TFT driver with DC-to-DC converter
2004 Aug 10
logo
DB Lectro Inc
PB-12N24M-05Q DBLECTRO-PB-12N24M-05Q Datasheet
275Kb / 1P
   Resonant Frequency 2.4 짹 0.3 KHz
logo
Rohm
BD9120HFN ROHM-BD9120HFN Datasheet
353Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
BD9122GUL ROHM-BD9122GUL Datasheet
337Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
BD9109FVM ROHM-BD9109FVM Datasheet
329Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous Rectifier
BD8641EFV ROHM-BD8641EFV Datasheet
260Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8643FV ROHM-BD8643FV Datasheet
157Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8646FV ROHM-BD8646FV Datasheet
1Mb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com