Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33063AD Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MC33063AD
Description  SMPS Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC33063AD Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MC33063AD Datasheet HTML 1Page - Fairchild Semiconductor MC33063AD Datasheet HTML 2Page - Fairchild Semiconductor MC33063AD Datasheet HTML 3Page - Fairchild Semiconductor MC33063AD Datasheet HTML 4Page - Fairchild Semiconductor MC33063AD Datasheet HTML 5Page - Fairchild Semiconductor MC33063AD Datasheet HTML 6Page - Fairchild Semiconductor MC33063AD Datasheet HTML 7Page - Fairchild Semiconductor MC33063AD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC34063A/MC33063A
2
Absolute Maximum Ratings
Electrical Characteristics
(VCC = 5.0V, TA = 0
°C to +70°C for the MC34063, TA= -40°C to the +85°C for the MC33063, unless otherwise
specified)
Note :
Output switch tests are performed under pulsed conditions to minimize power dissipation
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
40
V
Comparator Input Voltage Range
VI(COMP)
- 0.3 ~ + 40
V
Switch Collector Voltage
VC(SW)
40
V
Switch Emitter Voltage
VE(SW)
40
V
Switch Collector To Emitter Voltage
VCE(SW)
40
V
Driver Collector Voltage
VC(DR)
40
V
Switch Current
ISW
1.5
A
Storage Temperature Range
TSTG
- 65 ~ + 150
°C
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
OSCILLATOR
Charging Current
ICHG
VCC = 5 to 40V
TA = 25
°C
22
31
42
µA
Discharging Current
IDISCHG
VCC = 5 to 40V
TA = 25
°C
140
190
260
µA
Oscillator Amplitude
V(OSC)
TA = 25
°C-
0.5
-
V
Discharge To Charge Current Ratio
K
V7 = VCC , TA = 25
°C
5.2
6.1
7.5
-
Current Limit Sense
Voltage
VSENSE(C.L)
ICHG = IDISCHG
TA = 25
°C
250
300
350
mV
OUTPUT SWITCH
Saturation Voltage 1 (Note)
VCE(SAT)1
ISW = 1.0A
VC(driver) = VC(SW)
-
0.95
1.3
V
Saturation Voltage 2 (Note)
VCE(SAT)2
ISW = 1.0A,
VC(driver) = 50mA
-
0.45
0.7
V
DC Current Gain (Note)
GI(DC)
ISW = 1.0A,
VCE = 5.0V, TA = 25
°C
50
180
-
-
Collector off State Current (Note)
IC(OFF)
VCE = 40V, TA = 25
°C
-
0.01
100
µA
COMPARATOR
Threshold Voltage
VTH
-
1.21
1.24
1.29
V
Threshold Voltage Line Regulation
∆VTH
VCC = 3 to 40V
-
2.0
5.0
mV
Input Bias Current
IBIAS
VI = 0V
-
50
400
nA
TOTAL DEVICE
Supply Current
MC34063
ICC
VCC = 5 to 40V
CT = 0.001uF
V7 = VCC, V5>VTH
pin2 = GND
--
4.0
mA
MC33063
--
5.0


Similar Part No. - MC33063AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33063AD ONSEMI-MC33063AD Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
Texas Instruments
MC33063AD TI1-MC33063AD Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
logo
ON Semiconductor
MC33063AD ONSEMI-MC33063AD Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
logo
ARTSCHIP ELECTRONICS CO...
MC33063AD ARTSCHIP-MC33063AD Datasheet
334Kb / 10P
   SMPS Controller
logo
Texas Instruments
MC33063AD TI-MC33063AD Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
More results

Similar Description - MC33063AD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com