Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IK3466N Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IK3466N
Description  IC for AC/DC Converter with built?밿n Power DMOS Transistor with Operating Frequency 132 짹 8 kHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK3466N Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IK3466N Datasheet HTML 1Page - IK Semicon Co., Ltd IK3466N Datasheet HTML 2Page - IK Semicon Co., Ltd IK3466N Datasheet HTML 3Page - IK Semicon Co., Ltd IK3466N Datasheet HTML 4Page - IK Semicon Co., Ltd IK3466N Datasheet HTML 5Page - IK Semicon Co., Ltd IK3466N Datasheet HTML 6Page - IK Semicon Co., Ltd IK3466N Datasheet HTML 7Page - IK Semicon Co., Ltd IK3466N Datasheet HTML 8Page - IK Semicon Co., Ltd IK3466N Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IK3466
2012, April Ver. 00
BYPASS
DRAIN
240uA
Regulator
5,8 V
50uA
Autorestart
counter
6,3V
Current limit
unit
Reset
Error
Line under voltage
5,8V
4,8V
+
-
Jitter
Clock
&
DCMAX
Oscilator
1
&
1
Q
S
R
Q
&
Thermal
shutdown
+
-
&
Leading
edge
blanking
Enable
1,0V+UT
1,0V
EN/UV
SOURCE
01
02
03
05
04
1
G1
G2
A1
A2
A3
T1
A4
A5
A6
A7
A8
A9
VT5
VD1
VT1
VT2
VT3
VT4
A1
– A6, A8 – logic elements;
A7
–dual-threshold comparator;
A9
– current limit comparator;
G1, G2
– DC current source;
T1
– trigger;
VD1
– Zener diode;
VT1
– VT4 - MOS transistors
VT5
– high voltage output n-channel DMOS transistor
Fig. 1
– Electric block diagram


Similar Part No. - IK3466N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK3401 IKSEMICON-IK3401 Datasheet
484Kb / 11P
   Green Mode PWM Controller
More results

Similar Description - IK3466N

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8904F ROHM-BD8904F Datasheet
682Kb / 16P
   IC card interface ICs with Built-in DC / DC Converter
logo
Altera Corporation
EPM3064ATI44-10N ALTERA-EPM3064ATI44-10N Datasheet
715Kb / 46P
   Built?밿n boundary-scan test circuitry compliant with
logo
NXP Semiconductors
PCF8881 PHILIPS-PCF8881 Datasheet
73Kb / 11P
   132 x 132 RGB single chip TFT driver with DC-to-DC converter
2004 Aug 10
logo
DB Lectro Inc
PB-12N24M-05Q DBLECTRO-PB-12N24M-05Q Datasheet
275Kb / 1P
   Resonant Frequency 2.4 짹 0.3 KHz
logo
Rohm
BD9120HFN ROHM-BD9120HFN Datasheet
353Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
BD9122GUL ROHM-BD9122GUL Datasheet
337Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
BD9109FVM ROHM-BD9109FVM Datasheet
329Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous Rectifier
BD8641EFV ROHM-BD8641EFV Datasheet
260Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8643FV ROHM-BD8643FV Datasheet
157Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8646FV ROHM-BD8646FV Datasheet
1Mb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com