Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IK62084 Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IK62084
Description  8CH Darlington Sink Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK62084 Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IK62084 Datasheet HTML 1Page - IK Semicon Co., Ltd IK62084 Datasheet HTML 2Page - IK Semicon Co., Ltd IK62084 Datasheet HTML 3Page - IK Semicon Co., Ltd IK62084 Datasheet HTML 4Page - IK Semicon Co., Ltd IK62084 Datasheet HTML 5Page - IK Semicon Co., Ltd IK62084 Datasheet HTML 6Page - IK Semicon Co., Ltd IK62084 Datasheet HTML 7Page - IK Semicon Co., Ltd IK62084 Datasheet HTML 8Page - IK Semicon Co., Ltd IK62084 Datasheet HTML 9Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TECHNICAL DATA
1
2011, February, Rev. 02
8CH Darlington Sink Driver
The
IK62083~IK62084
are
high-voltage,
high-current
darlington drivers comprised of eight NPN darlington pairs.
All units feature integral clamp diodes for switching
indicative loads.
Application include relay, hammer, lamp and display (LED)
drivers.
Features
• Output current (single output) 500mA (Max)
• Output clamp diodes
• Inputs compatible with various types of logic
TYPE
INPUT BASE
RESISTOR
DESIGNATION
IK62083N/DW
2.7k
Ω
TTL, 5V CMOS
IK62084N/DW
10.5kΩ
6~15V PMOS, CMOS
Pin Configuration
(top view)
Block Schematics
IK62083
IK62084
Note: The input and output parasitic diodes cannot be used as clamp diodes.
IK62083/4
IK62083N
IK62084N
DIP-18
IK62083DW
IK62084DW
SOP-18
TA = -40 ~ +85 C
for all packages.


Similar Part No. - IK62084

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK62084 IKSEMICON-IK62084 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
IK62084DW IKSEMICON-IK62084DW Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
IK62084N IKSEMICON-IK62084N Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
More results

Similar Description - IK62084

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62081AP TOSHIBA-TD62081AP Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62081APG TOSHIBA-TD62081APG Datasheet
271Kb / 13P
   8ch Darlington Sink Driver
ULN2803APG TOSHIBA-ULN2803APG Datasheet
460Kb / 12P
   8ch Darlington Sink Driver
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2803AFW TOSHIBA-ULN2803AFW Datasheet
320Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62083AFNG TOSHIBA-TD62083AFNG Datasheet
362Kb / 11P
   8CH DARLINGTON SINK DRIVER
TD62083AFN TOSHIBA-TD62083AFN Datasheet
266Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
KODENSHI_AUK CORP.
S37701 KODENSHI-S37701 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
logo
Toshiba Semiconductor
TD62380P TOSHIBA-TD62380P Datasheet
169Kb / 5P
   8CH LOW SATURATION DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com