Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT2030400-6000-E Datasheet(PDF) 1 Page - CUI INC

Part # AMT2030400-6000-E
Description  MODULAR ENCODER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT2030400-6000-E Datasheet(HTML) 1 Page - CUI INC

  AMT2030400-6000-E Datasheet HTML 1Page - CUI INC AMT2030400-6000-E Datasheet HTML 2Page - CUI INC AMT2030400-6000-E Datasheet HTML 3Page - CUI INC AMT2030400-6000-E Datasheet HTML 4Page - CUI INC AMT2030400-6000-E Datasheet HTML 5Page - CUI INC AMT2030400-6000-E Datasheet HTML 6Page - CUI INC AMT2030400-6000-E Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
cui.com
date 02/12/2013
page 1 of 7
SERIES: AMT203
│ DESCRIPTION: MODULAR ENCODER
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
4.5
5
5.5
V
current consumption
with unloaded outputs
8
10
mA
quadrature resolution
96, 192, 200, 250, 400, 500, 512, 1024
PPR
incremental output signals
quadrature A, B signals and index Z
incremental output waveform
TTL voltage square wave
output current
sink/source
2
mA
SPI output
natural binary
SPI bus
PIC 16F690 (see datasheet)
SPI resolution
12
bit
position accuracy
0.2
deg
1. All resolutions stated are before quadrature decoding. (example: 1000 ppr x 4 = 4000 counts)
MECHANICAL
parameter
conditions/description
min
typ
max
units
max. rotational speed
8,000
RPM
mounting options
A) 2 each M1.6 on 16 mm (0.63”) bolt circle
B) 2 each #4 on 19.05 mm (0.75”) bolt circle
C) 2 each M1.6 or M2 on 20 mm (0.787”) bolt circle
D) 3 each M1.6 or M2 on 20.9 mm (0.823”) bolt
circle with washers in option B holes
E) 3 each M1.6 or M2 on 22 mm (0.866”) bolt circle
F) 4 each M1.6 or M2 on 25.4 mm (1”) bolt circle
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
125
°C
humidity
non-condensing
85
%
vibration
10 ~ 500 Hz, 5 min sweep, 2 hour each XYZ
5
G
shock
3 pulses, 6 ms, 3 each XYZ
200
G
FEATURES
• 12 bit (4,096 positions)
• SPI communication
• small size 37mm
• incremental line count up to 1,024
• single pulse index
• capacitive ASIC technology
• modular locking hub design for ease of installation
• SPI adjustable settings
• ’One Touch’ zero position


Similar Part No. - AMT2030400-6000-E

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT203 CUI-AMT203 Datasheet
241Kb / 8P
   12 BIT ABSOLUTE ENCODER
AMT203 CUI-AMT203 Datasheet
370Kb / 6P
   12 BIT AB SOLUTE ENCODER
AMT203 CUI-AMT203 Datasheet
375Kb / 6P
   12 BIT ABSOLUTE ENCODER
AMT203-0096-2000 CUI-AMT203-0096-2000 Datasheet
370Kb / 6P
   12 BIT AB SOLUTE ENCODER
AMT203-0096-3000 CUI-AMT203-0096-3000 Datasheet
370Kb / 6P
   12 BIT AB SOLUTE ENCODER
More results

Similar Description - AMT2030400-6000-E

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
   MODULAR ENCODER
AMT10 CUI-AMT10_13 Datasheet
617Kb / 8P
   MODULAR ENCODER
AMT30 CUI-AMT30 Datasheet
624Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303_11 Datasheet
695Kb / 6P
   MODULAR ENCODER
LME CUI-LME Datasheet
874Kb / 5P
   modular incremental encoder
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
   MODULAR COMMUTATION ENCODER
BME CUI-BME Datasheet
343Kb / 6P
   modular incremental encoder
01/2009
AMT11A CUI-AMT11A Datasheet
721Kb / 9P
   MODULAR INCREMENTAL ENCODER
11/18/2021
AMT22 CUI-AMT22_V01 Datasheet
687Kb / 9P
   MODULAR ABSOLUTE ENCODER
02/22/2022
AMT10 CUI-AMT10_V01 Datasheet
948Kb / 8P
   MODULAR INCREMENTAL ENCODER
08/04/2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com