Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT5210 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # MCT5210
Description  LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT5210 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button MCT5210 Datasheet HTML 3Page - Fairchild Semiconductor MCT5210 Datasheet HTML 4Page - Fairchild Semiconductor MCT5210 Datasheet HTML 5Page - Fairchild Semiconductor MCT5210 Datasheet HTML 6Page - Fairchild Semiconductor MCT5210 Datasheet HTML 7Page - Fairchild Semiconductor MCT5210 Datasheet HTML 8Page - Fairchild Semiconductor MCT5210 Datasheet HTML 9Page - Fairchild Semiconductor MCT5210 Datasheet HTML 10Page - Fairchild Semiconductor MCT5210 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
6/10/03
Page 9 of 11
© 2003 Fairchild Semiconductor Corporation
LOW INPUT CURRENT
PHOTOTRANSISTOR OPTOCOUPLERS
MCT5200
MCT5201
MCT5210
MCT5211
ORDERING INFORMATION
MARKING INFORMATION
Option
Order Entry Identifier
Description
S
.S
Surface Mount Lead Bend
SD
.SD
Surface Mount; Tape and Reel
W
.W
0.4" Lead Spacing
300
.300
VDE 0884
300W
.300W
VDE 0884, 0.4" Lead Spacing
3S
.3S
VDE 0884, Surface Mount
3SD
.3SD
VDE 0884, Surface Mount, Tape and Reel
MCT5200
V XX YY K
1
2
6
4
3
5
Definitions
1
Fairchild logo
2
Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
Two digit year code, e.g., ‘03’
5
Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code


Similar Part No. - MCT5210

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT5210 QT-MCT5210 Datasheet
553Kb / 6P
   HIGH-PERFORMANCE AIGAAS PHOTOTRANSISTOR OPTOCOUPLERS
logo
Siemens Semiconductor G...
MCT5210 SIEMENS-MCT5210 Datasheet
70Kb / 3P
   AlGaAs LED/ Phototransistor Optocoupler
logo
Vishay Siliconix
MCT5210 VISHAY-MCT5210 Datasheet
138Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection
Rev. 1.5, 14-Jan-08
logo
Fairchild Semiconductor
MCT5210M FAIRCHILD-MCT5210M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5210M FAIRCHILD-MCT5210M Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
More results

Similar Description - MCT5210

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA1 QT-H11AA1 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA1-M FAIRCHILD-H11AA1-M_06 Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA1 FAIRCHILD-H11AA1 Datasheet
528Kb / 8P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
H11AA1M FAIRCHILD-H11AA1M Datasheet
511Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA4M FAIRCHILD-H11AA4M Datasheet
261Kb / 10P
   AC Input/Phototransistor Optocouplers
H11AA1-M FAIRCHILD-H11AA1-M Datasheet
119Kb / 9P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Diodes Incorporated
MOCD217R2M DIODES-MOCD217R2M Datasheet
2Mb / 10P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers (Low Input Current)
logo
Fairchild Semiconductor
MOCD217-M FAIRCHILD-MOCD217-M_05 Datasheet
113Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS (LOW INPUT CURRENT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com