Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDA6141C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MDA6141C
Description  0.54 INCH (13.8MM) 14 SEGEMENT, DUAL DIGIT ALPHA - NUMERIC STICK DISPLAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MDA6141C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MDA6141C Datasheet HTML 1Page - Fairchild Semiconductor MDA6141C Datasheet HTML 2Page - Fairchild Semiconductor MDA6141C Datasheet HTML 3Page - Fairchild Semiconductor MDA6141C Datasheet HTML 4Page - Fairchild Semiconductor MDA6141C Datasheet HTML 5Page - Fairchild Semiconductor MDA6141C Datasheet HTML 6Page - Fairchild Semiconductor MDA6141C Datasheet HTML 7Page - Fairchild Semiconductor MDA6141C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image


Similar Part No. - MDA6141C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MDA6140C FAIRCHILD-MDA6140C Datasheet
351Kb / 8P
   0.54 INCH (13.7MM) 14 SEGMENT, DUAL DIGIT ALPHA-NUMERIC STICK DISPLAY
More results

Similar Description - MDA6141C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MDA6110C FAIRCHILD-MDA6110C Datasheet
351Kb / 8P
   0.54 INCH (13.7MM) 14 SEGMENT, DUAL DIGIT ALPHA-NUMERIC STICK DISPLAY
logo
Kingbright Corporation
PDC54-12YWA KINGBRIGHT-PDC54-12YWA Datasheet
135Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12EWA KINGBRIGHT-PDA54-12EWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12SRWA KINGBRIGHT-PDA54-12SRWA Datasheet
128Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-12EWA KINGBRIGHT-PDC54-12EWA Datasheet
129Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-12SRWA KINGBRIGHT-PDC54-12SRWA Datasheet
127Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-12GWA KINGBRIGHT-PDC54-12GWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12YWA KINGBRIGHT-PDA54-12YWA Datasheet
136Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12GWA KINGBRIGHT-PDA54-12GWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
logo
SunLED Corporation
AMR14C2 SUNLED-AMR14C2 Datasheet
201Kb / 4P
   13.8mm (0.54?? 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com