Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7530TRPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF7530TRPBF
Description  Trench Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7530TRPBF Datasheet(HTML) 5 Page - International Rectifier

  IRF7530TRPBF Datasheet HTML 1Page - International Rectifier IRF7530TRPBF Datasheet HTML 2Page - International Rectifier IRF7530TRPBF Datasheet HTML 3Page - International Rectifier IRF7530TRPBF Datasheet HTML 4Page - International Rectifier IRF7530TRPBF Datasheet HTML 5Page - International Rectifier IRF7530TRPBF Datasheet HTML 6Page - International Rectifier IRF7530TRPBF Datasheet HTML 7Page - International Rectifier IRF7530TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRF7530PbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current Vs.
Case Temperature
25
50
75
100
125
150
0.0
1.0
2.0
3.0
4.0
5.0
T , Case Temperature ( C)
°
C
0.1
1
10
100
1000
0.00001
0.0001
0.001
0.01
0.1
1
10
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
Fig 10. Maximum Avalanche Energy
Vs. Drain Current
25
50
75
100
125
150
0
20
40
60
80
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
2.2A
4.0A
5.0A


Similar Part No. - IRF7530TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7530TR IRF-IRF7530TR Datasheet
105Kb / 8P
   Trench Technology
More results

Similar Description - IRF7530TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7328TRPBF IRF-IRF7328TRPBF Datasheet
175Kb / 8P
   Trench Technology
IRF7663TR IRF-IRF7663TR Datasheet
82Kb / 7P
   Trench Technology
IRF7530TR IRF-IRF7530TR Datasheet
105Kb / 8P
   Trench Technology
IRF7241PBF IRF-IRF7241PBF_15 Datasheet
176Kb / 9P
   Trench Technology
IRF7324TRPBF IRF-IRF7324TRPBF Datasheet
169Kb / 8P
   Trench Technology
IRF7607TRPBF IRF-IRF7607TRPBF Datasheet
149Kb / 8P
   Trench Technology
IRF7329TRPBF IRF-IRF7329TRPBF Datasheet
179Kb / 9P
   Trench Technology
logo
DONGGUAN YOU FENG WEI E...
15L65SP-TO277 YFWDIODE-15L65SP-TO277 Datasheet
825Kb / 3P
   Advanced trench technology
logo
Vishay Siliconix
VS-GT105LA120UX VISHAY-VS-GT105LA120UX Datasheet
190Kb / 9P
   Trench IGBT technology
Revision: 17-Oct-16
logo
Vincotech
V23990-K222-A-PM VINCOTECH-V23990-K222-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com