Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3006DB Datasheet(PDF) 3 Page - Touchstone Semiconductor Inc

Part # TS3006DB
Description  A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3006DB Datasheet(HTML) 3 Page - Touchstone Semiconductor Inc

  TS3006DB Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3006DB Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3006DB Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TS3006 Demo Board
Touchstone Semiconductor, Inc.
Page 3
630 Alder Drive, Milpitas, CA 95035
TS3006DB r1p0
+1 (408) 215 - 1220
▪ www.touchstonesemi.com
RTFDS
Figure 3. Top Layer View #1
Figure 4. Top Layer View #2
Figure 5. Bottom Layer (GND) #2
Figure 2. FOUT Period vs RSET
Figure 6. Bottom Layer (GND) #2
RSET - MΩ
2
4
40
0
100
Period vs RSET
0
6
60
80
20
8
10
12
120


Similar Part No. - TS3006DB

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3006 TOUCHSTONE-TS3006 Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
logo
Silicon Laboratories
TS3006 SILABS-TS3006 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
TS3006ITD833 SILABS-TS3006ITD833 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
logo
Touchstone Semiconducto...
TS3006ITD833T TOUCHSTONE-TS3006ITD833T Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
logo
Silicon Laboratories
TS3006ITD833T SILABS-TS3006ITD833T Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
More results

Similar Description - TS3006DB

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3006 TOUCHSTONE-TS3006 Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
TS3003 TOUCHSTONE-TS3003 Datasheet
868Kb / 10P
   A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TS3005 TOUCHSTONE-TS3005 Datasheet
820Kb / 11P
   A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
TS3005DB TOUCHSTONE-TS3005DB Datasheet
346Kb / 4P
   A 1.55V to 5.25V, 1.35關A, 1.7ms to 33hrs Silicon Timer
logo
Analog Devices
ADRF5720 AD-ADRF5720 Datasheet
651Kb / 19P
   Silicon Digital Attenuator, 9kHz to 40GHz
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
MAX3524EVKIT MAXIM-MAX3524EVKIT Datasheet
151Kb / 5P
   4.75V to 5.25V Single-Supply Operation
Rev 0; 12/00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com