Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR-LE4.0-S2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BR-LE4.0-S2
Description  Bluetooth짰 4.0 Low Energy Single Mode Class 1 SoC Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BR-LE4.0-S2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BR-LE4.0-S2 Datasheet HTML 1Page - List of Unclassifed Manufacturers BR-LE4.0-S2 Datasheet HTML 2Page - List of Unclassifed Manufacturers BR-LE4.0-S2 Datasheet HTML 3Page - List of Unclassifed Manufacturers BR-LE4.0-S2 Datasheet HTML 4Page - List of Unclassifed Manufacturers BR-LE4.0-S2 Datasheet HTML 5Page - List of Unclassifed Manufacturers BR-LE4.0-S2 Datasheet HTML 6Page - List of Unclassifed Manufacturers BR-LE4.0-S2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
7173 S. Havana Street, Suite 600 Englewood, CO 80112 USA (303)-957-1003 • sales@BlueRadios.com
www.BlueRadios.com
Bluetooth
® 4.0 Low Energy Single Mode Class 1 SoC Module
n
BlueTM BR-LE4.0-S2A (CC2540)
AT HOME. AT WORK. ON THE ROAD. USING BLUETOOTH LOW ENERGY WIRELESS
TECHNOLOGY MEANS TOTAL FREEDOM FROM THE CONSTRAINTS AND CLUTTER OF
WIRES IN YOUR LIFE.
FCC, IC, CE, RoHS, and Bluetooth
® 4.0 Certified ISM 2.4GHz module.
Utilizes the TI CC2540 SoC with 256K Flash, 8K RAM.
Over 150 meter (500 ft) line of site (LOS) distance with integrated antenna.
Can be externally controlled via simple ASCII AT commands over the UART or
programmed with custom applications embedded in the module.
Available embedded Bluetooth Protocols and Profiles include: GAP, GATT, SMP, ATT,
L2CAP, BAS, BLP, BLS, DIS, FMP, ANP, HIDS, HOGP, HID, HTP, HTS, HRP, HRS, IOP,
IAS, LLS, PASP, PXP, SCPP, SCPS, TIP, TPS, and BRSP.
The BR-LE4.0-S2 is identical to the BR-LE4.0-S3 with the exception of a USB controller
replacing the I2C of the S3. In addition, the S2 provides a higher maximum output
power.
FEATURES
Integrated AT.s command stack for external control via UART or RF, with master/slave support and serial
(BRSP) and battery (BAS) profiles. BRSP allows the user to stream data over LE similar to the way SPP works
on Classic Bluetooth devices, but at a much lower maximum data rate.
Available AT.e SDK for custom embedded applications on the module with approximately 130kB Flash and
2.5kB RAM available to the client application.
UART (2 or 4 wire with CTS/RTS, 9600 to 460.8K baud), SPI, and USB data interfaces.
12-Bit ADC with 8 channels, RTC, battery monitor, temperature sensor, watchdog timer.
Software adjustable transmitter power (-23dBm to 4dBm) for short to long range applications.
Very low power consumption: 27mA 0dB TX, RX down to 19.6mA, .9uA sleep w/timer, and 0.4uA deep sleep.
Compatible with TI TPS62730 step down converter which can extend battery life by up to 20%.
Secure and robust communication link:
 FHSS (Frequency Hopping Spread Spectrum)
 24-bit CRC Error correction for guaranteed packet delivery
 AES-128 bit encryption using CCM for encryption and authentication of packets.
Firmware updates Over-the-Air (OTA) or over two wire UART interface.
Free Apple iPhone and Android libraries and applications.


Similar Part No. - BR-LE4.0-S2

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
BR-L10A YANGJIE-BR-L10A Datasheet
257Kb / 2P
   SINGLE PHASE 10/15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
BR-L15A YANGJIE-BR-L15A Datasheet
257Kb / 2P
   SINGLE PHASE 10/15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
BR-L25A YANGJIE-BR-L25A Datasheet
257Kb / 2P
   SINGLE PHASE 10/15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
BR-L35A YANGJIE-BR-L35A Datasheet
257Kb / 2P
   SINGLE PHASE 10/15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
logo
Bellnix Co.,Ltd.
BR-LB BELLNIX-BR-LB Datasheet
184Kb / 1P
   Ultra Low Noise, Small Size, Isolated Type DC-DC Converter
More results

Similar Description - BR-LE4.0-S2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
IS1870 MICROCHIP-IS1870 Datasheet
2Mb / 44P
   Bluetooth짰 Low Energy (BLE) SoC
07/14/15
logo
STMicroelectronics
BLUENRG-LP STMICROELECTRONICS-BLUENRG-LP Datasheet
4Mb / 72P
   Programmable Bluetooth짰 Low Energy wireless SoC
Rev 2 - September 2020
logo
Mitsumi Electronics, Co...
WML-C75 MITSUMI-WML-C75 Datasheet
86Kb / 2P
   Bluetooth짰 Low Energy Module
logo
Microchip Technology
RN4870 MICROCHIP-RN4870_17 Datasheet
2Mb / 48P
   Bluetooth짰 4.2 Low Energy Module
10/25/17
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
   Bluetooth짰 Low Energy (BLE) Module
07/14/15
logo
STMicroelectronics
SPBT2632C1A STMICROELECTRONICS-SPBT2632C1A Datasheet
584Kb / 26P
   Bluetooth짰 technology class-1 module
logo
Microchip Technology
IS1678 MICROCHIP-IS1678 Datasheet
2Mb / 54P
   Bluetooth짰 Dual-Mode SoC
2016
logo
Dialog Semiconductor
DA14680 DIALOG-DA14680 Datasheet
576Kb / 5P
   The most integrated and flexible Bluetooth짰 low energy SoC
logo
List of Unclassifed Man...
NRF8001 ETC1-NRF8001 Datasheet
1Mb / 161P
   Single-chip Bluetooth짰 low energy solution
logo
Silicon Laboratories
EFR32BG13 SILABS-EFR32BG13 Datasheet
2Mb / 176P
   EFR32BG13 Blue Gecko Bluetooth짰 Low Energy SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com