Electronic Components Datasheet Search |
|
2222207155 Datasheet(PDF) 10 Page - YAGEO Corporation |
|
2222207155 Datasheet(HTML) 10 Page - YAGEO Corporation |
10 / 20 page www.yageo.com Oct 13, 2011 V.8 General Purpose & High Cap. 6.3 V to 50 V Surface-Mount Ceramic Multilayer Capacitors 10 20 Product specification X7R DESCRIPTION VALUE Capacitance range 100 pF to 22 µF Capacitance tolerance ±5%, ±10%, ±20% Dissipation factor (D.F.) ≤ 10 V ≤ 5% Exception: 0201 ≥ 12 nF; 0603 ≥ 2.2 µF; 0805 ≥ 4.7 µF; ≤ 10% 1210 ≥ 4.7 µF 0805 ≥ 10 µF; 1206 ≥ 10 µF ≤ 15% 16 V ≤ 3.5% Exception: 0201 ≥ 1.5 nF; 0402 ≥ 27 nF; 0603 ≥ 220 nF; ≤ 5% 0805 ≥ 680 nF; 1206 ≥ 2.2 µF; 1210 ≥ 10 µF 1206 ≥ 10 µF; 1210 ≥ 22 µF ≤ 10% 25 V ≤ 2.5% Exception: 0402 ≥ 10 nF; 0603 ≥ 47 nF; 0805 ≥ 220 nF; ≤ 3.5% 1206 ≥ 1 µF; 1210 ≥ 4.7 µF 0201 ≥ 560 pF; 0402 ≥ 56 nF; 0603 ≥ 1 µF; ≤ 5% 0805 ≥ 680 nF; 1206 ≥ 2.2 µF; 1210 ≥ 10 µF 1206 ≥ 4.7 µF ≤ 10% ≥ 50 V ≤ 2.5% Exception: 0201 ≥ 47 pF; 1206 ≥ 1 µF ≤ 3.5% 0603 ≥ 47 nF ≤ 3.0% Insulation resistance after 1 minute at Ur (DC) Rins ≥ 10 GΩ or Rins × Cr ≥ 500 seconds whichever is less Maximum capacitance change as a function of temperature (temperature characteristic/coefficient): ±15% Operating temperature range: –55 °C to +125 °C NOTE Capacitance tolerance ±5% is not available for full product range, please contact local sales force before ordering Table 7 ELECTRICAL CHARACTERISTICS X X77R R D DIIE EL LE EC CT TR RIIC C C CA AP PA AC CIIT TO OR RS S;; N NIIS SN N T TE ER RM MIIN NA AT TIIO ON NS S Unless otherwise specified, all test and measurements shall be made under standard atmospheric conditions for testing as given in 5.3 of IEC 60068-1: - Temperature: 15 °C to 35 °C - Relative humidity: 25% to 75% - Air pressure: 86 kPa to 106 kPa Before the measurements are made, the capacitor shall be stored at the measuring temperature for a time sufficient to allow the entire capacitor to reach this temperature. The period as prescribed for recovery at the end of a test is normally sufficient for this purpose. |
Similar Part No. - 2222207155 |
|
Similar Description - 2222207155 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |