Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2222207155 Datasheet(PDF) 6 Page - YAGEO Corporation

Part # 2222207155
Description  General Purpose & High Capacitance
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

2222207155 Datasheet(HTML) 6 Page - YAGEO Corporation

Back Button 2222207155 Datasheet HTML 2Page - YAGEO Corporation 2222207155 Datasheet HTML 3Page - YAGEO Corporation 2222207155 Datasheet HTML 4Page - YAGEO Corporation 2222207155 Datasheet HTML 5Page - YAGEO Corporation 2222207155 Datasheet HTML 6Page - YAGEO Corporation 2222207155 Datasheet HTML 7Page - YAGEO Corporation 2222207155 Datasheet HTML 8Page - YAGEO Corporation 2222207155 Datasheet HTML 9Page - YAGEO Corporation 2222207155 Datasheet HTML 10Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.yageo.com
Oct 13, 2011 V.8
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
6
20
Product specification
X7R
Table 3 Sizes from 0603 to 0805
CAPACITANCE RANGE & THICKNESS FOR X7R
CAP.
0603
0805
Last 2-digit of
12NC
6.3 V
10 V
16 V
25 V
50 V
6.3 V
10 V
16 V
25 V
50 V
100 pF
09
150 pF
12
220 pF
14
330 pF
16
470 pF
18
680 pF
21
1.0 nF
23
1.5 nF
25
2.2 nF
27
3.3 nF
29
4.7 nF
32
6.8 nF
34
10 nF
36
15 nF
38
22 nF
41
0.6±0.1
0.6±0.1
33 nF
43
47 nF
45
68 nF
47
100 nF
49
0.8±0.1
150 nF
52
0.85±0.1
220 nF
54
0.85±0.1 0.85±0.1 0.85±0.1 0.85±0.1
330 nF
56
470 nF
58
680 nF
61
1.0 µF
63
0.8±0.1
0.8±0.1
1.25±0.2
2.2 µF
67
0.8±0.1
1.25±0.2 1.25±0.2
4.7 µF
72
0.8±0.1
10 µF
76
1.25±0.2 1.25±0.2
22 µF
81
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-6 series is on request
3. For product with 5% tolerance, please contact local sales force before ordering


Similar Part No. - 2222207155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2222 ETC1-2222 Datasheet
32Kb / 1P
   high Current Toroid Inductors
2222 ETC2-2222 Datasheet
355Kb / 1P
   INTERCONNECT BATTERY HOLDERS
logo
NXP Semiconductors
2222-150-95102 NXP-2222-150-95102 Datasheet
653Kb / 10P
   RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
logo
Bourns Electronic Solut...
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-RC BOURNS-2222-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
More results

Similar Description - 2222207155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC0201KRX5R4BB ETC1-CC0201KRX5R4BB Datasheet
374Kb / 18P
   General purpose & High capacitance Class 2, X5R
logo
MKS Instruments.
740C MKS-740C Datasheet
167Kb / 4P
   GENERAL PURPOSE BARATRON CAPACITANCE MANOMETERS
logo
YAGEO Corporation
CC1206KKX7R6BB475 YAGEO-CC1206KKX7R6BB475 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS General Purpose & High Capacitance
logo
MKS Instruments.
722B MKS-722B Datasheet
125Kb / 2P
   GENERAL PURPOSE ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
AA09A MKS-AA09A Datasheet
378Kb / 2P
   General Purpose Absolute Baratron Capacitance Manometer
R740C MKS-R740C Datasheet
241Kb / 4P
   BARATRON GENERAL PURPOSE CAPACITANCE MANOMETERS WITH TRIP RELAYS
logo
Sanyo Semicon Device
VS902SL SANYO-VS902SL Datasheet
233Kb / 3P
   Low Capacitance TVS Diode General Purpose Protection Device
VS901SL SANYO-VS901SL Datasheet
206Kb / 3P
   Low Capacitance TVS Diode General Purpose Protection Device
logo
Leshan Radio Company
R1800 LRC-R1800_15 Datasheet
207Kb / 7P
   General Purpose High
logo
Sanyo Semicon Device
2MP03SF SANYO-2MP03SF Datasheet
34Kb / 4P
   High-Frequency General-Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com