Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT62.SD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MCT62.SD
Description  DUAL PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT62.SD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MCT62.SD Datasheet HTML 1Page - Fairchild Semiconductor MCT62.SD Datasheet HTML 2Page - Fairchild Semiconductor MCT62.SD Datasheet HTML 3Page - Fairchild Semiconductor MCT62.SD Datasheet HTML 4Page - Fairchild Semiconductor MCT62.SD Datasheet HTML 5Page - Fairchild Semiconductor MCT62.SD Datasheet HTML 6Page - Fairchild Semiconductor MCT62.SD Datasheet HTML 7Page - Fairchild Semiconductor MCT62.SD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
10/20/04
Page 1 of 8
© 2003 Fairchild Semiconductor Corporation
DUAL PHOTOTRANSISTOR
OPTOCOUPLERS
MCT6
MCT61
MCT62
DESCRIPTION
The MCT6X Optocouplers have two channels for density applications. For four
channel applications, two-packages fit into a standard 16-pin DIP socket. Each
channel is an NPN silicon planar phototransistor optically coupled to a gallium
arsenide infrared emitting diode.
FEATURES
•Two isolated channels per package
•Two packages fit into a 16 lead DIP socket
Choice of three current transfer ratios
Underwriters Laboratory (U.L.) recognized File E90700
APPLICATIONS
•AC Line/Digital Logic - isolate high voltage transients
Digital Logic/Digital Logic - Eliminate spurious grounds
Digital Logic/AC Triac Control - isolate high voltage transients
•Twisted pair line receiver - Eliminate ground loop feedthrough
•Telephone/Telegraph line receiver - isolate high voltage transients
High Frequency Power Supply Feedback Control - Maintain floating grounds and
transients
Relay contact monitor - isolate floating grounds and transients
•Power supply monitor - Isolate transients
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
EMITTER (Each channel)
Forward Current - Continuous
IF
60
mA
Forward Current - Peak (PW = 1µs, 300pps)
IF(pk)
3
A
Reverse Voltage
VR
3.0
V
LED Power Dissipation @ TA = 25°C
Derate above 25°C (Total Input)
PD
100
1.3
mW
mW/°C
DETECTOR (Each channel)
Collector Current - Continuous
IC
30
mA
Detector Power Dissipation @ TA = 25°C
Derate above 25°C
PD
150
2.0
mW
mW/°C
TOTAL DEVICE
Storage Temperature
TSTG
-55 to +150
°C
Operating Temperature
TOPR
-55 to +100
°C
Lead Solder Temperature (wave solder)
TSOL
250 for 10 sec
°C
Total Device Power Dissipation @ TA = 25°C
Derate above 25°C
PD
400
5.33
mW
mW/°C
8
1
8
1
8
1
EMITTER
COLLECTOR
ANODE
CATHODE
1
2
3
4
5
6
7
8
EMITTER
COLLECTOR
ANODE
CATHODE
Equivalent Circuit
SCHEMATIC


Similar Part No. - MCT62.SD

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT62 QT-MCT62 Datasheet
430Kb / 4P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
MCT62 ETC-MCT62 Datasheet
57Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Fairchild Semiconductor
MCT62 FAIRCHILD-MCT62 Datasheet
475Kb / 9P
   Dual Phototransistor Optocouplers
logo
Vishay Siliconix
MCT62H VISHAY-MCT62H Datasheet
95Kb / 7P
   Dual Channel Optocoupler with Phototransistor
Rev. A1, 11-Jan-99
MCT62H VISHAY-MCT62H Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
More results

Similar Description - MCT62.SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT9001 FAIRCHILD-MCT9001_04 Datasheet
512Kb / 8P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
MCT6 FAIRCHILD-MCT6_06 Datasheet
475Kb / 9P
   Dual Phototransistor Optocouplers
logo
QT Optoelectronics
MCT6 QT-MCT6 Datasheet
430Kb / 4P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT9001 FAIRCHILD-MCT9001 Datasheet
497Kb / 7P
   DUAL PHOTOTRANSISTOR OPTOCOUPLERS
MCT9001S FAIRCHILD-MCT9001S Datasheet
284Kb / 9P
   Dual Phototransistor Optocouplers
MCT9001SD FAIRCHILD-MCT9001SD Datasheet
284Kb / 9P
   Dual Phototransistor Optocouplers
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com