Electronic Components Datasheet Search |
|
2222208156 Datasheet(PDF) 3 Page - YAGEO Corporation |
|
2222208156 Datasheet(HTML) 3 Page - YAGEO Corporation |
3 / 20 page www.yageo.com Oct 13, 2011 V.8 General Purpose & High Cap. 6.3 V to 50 V Surface-Mount Ceramic Multilayer Capacitors 3 20 Product specification X7R 2 2 X X X X X X X X X X Carrier type 38 = Paper/PE ( ≥ 10 V) 22 = Blister ( ≥ 10 V) 50 = Blister (6.3 V) 55 = Paper/PE (6.3 V) 54 = Bulk Rated voltage - Termination 20 = 6.3 V 24 = 10 V 78 = 16 V 91 = 25 V 58 = 50 V Size 8 = 0201 7 = 0402 6 = 0603 0 = 0805 1 = 1206 2 = 1210 4 = 1812 Capacitance value(1) Tolerance 5 = ±5%(2) 6 = ±10% 7 = ±20% Packaging(3) 1 = reel: ∅180 mm; 7" 5 = reel: ∅330 mm; 13" 4 = bulk case Temperature characteristic 5 = X7R YNM0029 P PH HY YC CO OM MP P B BR RA AN ND D o orrd deerriin ngg cco od deess GLOBAL PART NUMBER (preferred), PHYCOMP CTC (for North America) and 12NC (traditional) codes are acceptable to order Phycomp brand products. GLOBAL PART NUMBER (PREFERRED) For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2. 12NC CODE PHYCOMP CTC CODE (FOR NORTH AMERICA) Example: 02012R102K8B20D 0201 2R 102 K 8 B 2 0 D Size code Temp. Char. Capacitance in pF Tolerance Voltage Termination Packing Marking Range identifier 0201 0402 0603 0805 1206 1210 1812 2R = X7R 101 = 100 pF; the third digit signifies the multiplying factor: 0 = × 1 1 = × 10 2 = × 100 3 = × 1,000 J = ±5% (1) K = ±10% M = ±20% 5 = 6.3 V 6 = 10 V 7 = 16 V 8 = 25 V 9 = 50 V B = NiSn 2 = 180 mm 7” Paper/PE 3 = 330 mm 13” Paper/PE B = 180 mm 7” Blister F = 330 mm 13” Blister P = Bulk case 0 = no marking D = Class 2 MLCC NOTE 1. Tolerance ±5% is not available for full product range, please contact local sales force before ordering (1) Please refer to "Last 2-digit of 12NC" in "CAPACITANCE RANGE & THICKNESS FOR X7R" (2) Tolerance ±5% is not available for full product range, please contact local sales force before ordering (3) Quantity on reel depends on thickness classification; see table 5 |
Similar Part No. - 2222208156 |
|
Similar Description - 2222208156 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |