Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR6215TRPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRFR6215TRPBF
Description  175째C Operating Temperature
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR6215TRPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRFR6215TRPBF Datasheet HTML 3Page - International Rectifier IRFR6215TRPBF Datasheet HTML 4Page - International Rectifier IRFR6215TRPBF Datasheet HTML 5Page - International Rectifier IRFR6215TRPBF Datasheet HTML 6Page - International Rectifier IRFR6215TRPBF Datasheet HTML 7Page - International Rectifier IRFR6215TRPBF Datasheet HTML 8Page - International Rectifier IRFR6215TRPBF Datasheet HTML 9Page - International Rectifier IRFR6215TRPBF Datasheet HTML 10Page - International Rectifier IRFR6215TRPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRFR/U6215PbF
www.irf.com
9
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
ASS E MBLY
EXAMPLE:
WIT H AS SE MBLY
T HIS IS AN IRFU120
YE AR 9 = 1999
DAT E CODE
LINE A
WEEK 19
IN T HE AS S E MBLY LINE "A"
AS SE MB LED ON WW 19, 1999
LOT CODE 5678
PART NUMBE R
56
IRF U120
INT E RNAT IONAL
LOGO
RE CT IF IER
LOT CODE
919A
78
Note: "P" in as s embly line
pos ition indicates "Lead-F ree"
OR
56
78
ASSEMBLY
LOT CODE
RECT IF IER
LOGO
INT ERNAT IONAL
IRF U 120
PART NUMB ER
WEEK 19
DAT E CODE
YEAR 9 = 1999
A = ASSEMB LY SIT E CODE
P = DES IGNAT ES LEAD-FREE
PRODUCT (OPT IONAL)


Similar Part No. - IRFR6215TRPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR6215TRL KERSEMI-IRFR6215TRL Datasheet
3Mb / 10P
   AUTOMOTIVE GRADE
logo
International Rectifier
IRFR6215TRLPBF IRF-IRFR6215TRLPBF Datasheet
247Kb / 11P
   175째C Operating Temperature
logo
Infineon Technologies A...
IRFR6215TRLPbF INFINEON-IRFR6215TRLPbF Datasheet
654Kb / 11P
   HEXFET짰 Power MOSFET
2016-5-31
logo
Kersemi Electronic Co.,...
IRFR6215TRR KERSEMI-IRFR6215TRR Datasheet
4Mb / 10P
   AUTOMOTIVE GRADE
More results

Similar Description - IRFR6215TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR6215TRLPBF IRF-IRFR6215TRLPBF Datasheet
247Kb / 11P
   175째C Operating Temperature
logo
Sensitron
SHD126423 SENSITRON-SHD126423_08 Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
OM4201ST SENSITRON-OM4201ST Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
SHD126022 SENSITRON-SHD126022 Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
SHD126122 SENSITRON-SHD126122 Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
OM4201ST SENSITRON-OM4201ST_08 Datasheet
39Kb / 2P
   SILICON SCHOTTKY RECTIFIER- Common Cathode Ultra Low Reverse Leakage 175째C Operating Temperature
logo
Siemens Semiconductor G...
BUZ104S SIEMENS-BUZ104S Datasheet
128Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ103S SIEMENS-BUZ103S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
logo
Sensitron
SHD125622 SENSITRON-SHD125622_08 Datasheet
40Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125423 SENSITRON-SHD125423 Datasheet
49Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com