Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR6215PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFR6215PBF
Description  175째C Operating Temperature
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR6215PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFR6215PBF Datasheet HTML 2Page - International Rectifier IRFR6215PBF Datasheet HTML 3Page - International Rectifier IRFR6215PBF Datasheet HTML 4Page - International Rectifier IRFR6215PBF Datasheet HTML 5Page - International Rectifier IRFR6215PBF Datasheet HTML 6Page - International Rectifier IRFR6215PBF Datasheet HTML 7Page - International Rectifier IRFR6215PBF Datasheet HTML 8Page - International Rectifier IRFR6215PBF Datasheet HTML 9Page - International Rectifier IRFR6215PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRFR/U6215PbF
6
www.irf.com
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
0
200
400
600
800
25
50
75
100
125
150
175
J
A
Starting T , Junction Temperature (°C)
I
TOP
-2.7A
-4.7A
BOTTOM
-6.6A
D
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
-10V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V


Similar Part No. - IRFR6215PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR6215PBF IRF-IRFR6215PBF Datasheet
246Kb / 11P
   HEXFET짰 Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR6215PBF KERSEMI-IRFR6215PBF Datasheet
3Mb / 10P
   HEXFET짰 Power MOSFET
logo
International Rectifier
IRFR6215PBF IRF-IRFR6215PBF Datasheet
247Kb / 11P
   175째C Operating Temperature
IRFR6215PBF IRF-IRFR6215PBF Datasheet
247Kb / 11P
   Advanced Process Technology
logo
Infineon Technologies A...
IRFR6215PBF INFINEON-IRFR6215PBF Datasheet
654Kb / 11P
   HEXFET짰 Power MOSFET
2016-5-31
More results

Similar Description - IRFR6215PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR6215TRLPBF IRF-IRFR6215TRLPBF Datasheet
247Kb / 11P
   175째C Operating Temperature
logo
Sensitron
SHD126423 SENSITRON-SHD126423_08 Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
OM4201ST SENSITRON-OM4201ST Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
SHD126022 SENSITRON-SHD126022 Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
SHD126122 SENSITRON-SHD126122 Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
OM4201ST SENSITRON-OM4201ST_08 Datasheet
39Kb / 2P
   SILICON SCHOTTKY RECTIFIER- Common Cathode Ultra Low Reverse Leakage 175째C Operating Temperature
logo
Siemens Semiconductor G...
BUZ104S SIEMENS-BUZ104S Datasheet
128Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ103S SIEMENS-BUZ103S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
logo
Sensitron
SHD125622 SENSITRON-SHD125622_08 Datasheet
40Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125423 SENSITRON-SHD125423 Datasheet
49Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com