Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLL2705PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRLL2705PBF
Description  DYNAMIC DV/DT RATING
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLL2705PBF Datasheet(HTML) 2 Page - International Rectifier

  IRLL2705PBF Datasheet HTML 1Page - International Rectifier IRLL2705PBF Datasheet HTML 2Page - International Rectifier IRLL2705PBF Datasheet HTML 3Page - International Rectifier IRLL2705PBF Datasheet HTML 4Page - International Rectifier IRLL2705PBF Datasheet HTML 5Page - International Rectifier IRLL2705PBF Datasheet HTML 6Page - International Rectifier IRLL2705PBF Datasheet HTML 7Page - International Rectifier IRLL2705PBF Datasheet HTML 8Page - International Rectifier IRLL2705PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRLL2705PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.061 –––
V/°C Reference to 25°C, ID = 1mA
–––
––– 0.040
VGS = 10V, ID = 3.8A „
–––
––– 0.051
VGS = 5.0V, ID = 3.8A „
–––
––– 0.065
VGS = 4.0V, ID = 1.9A „
VGS(th)
Gate Threshold Voltage
1.0
––– 2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
5.1
––– –––
S
VDS = 25V, ID = 1.9A
–––
–––
25
VDS = 55V, VGS = 0V
–––
––– 250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
––– -100
VGS = -16V
Qg
Total Gate Charge
–––
32
48
ID = 3.8A
Qgs
Gate-to-Source Charge
–––
3.5
5.3
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
9.7
14
VGS = 10V, See Fig. 6 and 9 „
td(on)
Turn-On Delay Time
–––
6.2 –––
VDD = 28V
tr
Rise Time
–––
12
–––
ns
ID = 3.8A
td(off)
Turn-Off Delay Time
–––
35
–––
RG = 6.2Ω
tf
Fall Time
–––
22
–––
RD = 7.1Ω, See Fig. 10 „
Ciss
Input Capacitance
–––
870 –––
VGS = 0V
Coss
Output Capacitance
–––
220 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
92
–––
ƒ = 1.0MHz, See Fig. 5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
µA
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
––– –––
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
––– –––
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– 1.3
V
TJ = 25°C, IS = 3.8A, VGS = 0V „
trr
Reverse Recovery Time
–––
58
88
ns
TJ = 25°C, IF = 3.8A
Qrr
Reverse RecoveryCharge
––– 140 210
nC
di/dt = 100A/µs „
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
30
0.91
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ I
SD ≤ 3.8A, di/dt ≤ 220A/µs, V
DD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ VDD = 25V, starting TJ = 25°C, L = 15mH
RG = 25Ω, IAS = 3.8A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.


Similar Part No. - IRLL2705PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLL2705PBF IRF-IRLL2705PBF Datasheet
220Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 55V , RDS(on) = 0.04廓 , ID = 3.8A )
IRLL2705PBF IRF-IRLL2705PBF Datasheet
225Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
IRLL2705PBF IRF-IRLL2705PBF_15 Datasheet
225Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRLL2705PBF

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRFP440 NJSEMI-IRFP440 Datasheet
619Kb / 2P
   Dynamic dv/dt Rating
logo
Kersemi Electronic Co.,...
IRFR224PBF KERSEMI-IRFR224PBF Datasheet
4Mb / 10P
   Dynamic dv/dt Rating
IRFR9220TRR KERSEMI-IRFR9220TRR Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
logo
List of Unclassifed Man...
AUIRF1404S ETC2-AUIRF1404S Datasheet
233Kb / 13P
   Dynamic dV/dT Rating
logo
Infineon Technologies A...
AUIRFR2407 INFINEON-AUIRFR2407 Datasheet
569Kb / 10P
   Dynamic dV/dT Rating
2015-11-23
logo
Vishay Telefunken
SIHFZ34 TFUNK-SIHFZ34 Datasheet
1Mb / 9P
   Dynamic dV/dt Rating
logo
Kersemi Electronic Co.,...
IRFR420PBF KERSEMI-IRFR420PBF Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
IRFR420TRR KERSEMI-IRFR420TRR Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
IRFR9110TRR KERSEMI-IRFR9110TRR Datasheet
3Mb / 7P
   Dynamic dV/dt Rating
IRFR9120TRL KERSEMI-IRFR9120TRL Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com