Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2222207556 Datasheet(PDF) 1 Page - YAGEO Corporation

Part # 2222207556
Description  General Purpose & High Capacitance
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

2222207556 Datasheet(HTML) 1 Page - YAGEO Corporation

  2222207556 Datasheet HTML 1Page - YAGEO Corporation 2222207556 Datasheet HTML 2Page - YAGEO Corporation 2222207556 Datasheet HTML 3Page - YAGEO Corporation 2222207556 Datasheet HTML 4Page - YAGEO Corporation 2222207556 Datasheet HTML 5Page - YAGEO Corporation 2222207556 Datasheet HTML 6Page - YAGEO Corporation 2222207556 Datasheet HTML 7Page - YAGEO Corporation 2222207556 Datasheet HTML 8Page - YAGEO Corporation 2222207556 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DATA SHEET
SURFACE-MOUNT CERAMIC
MULTILAYER CAPACITORS
General Purpose & High Capacitance
Class 2, X7R
6.3 V TO 50 V
100 pF to 22 µF
RoHS compliant & Halogen Free


Similar Part No. - 2222207556

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2222 ETC1-2222 Datasheet
32Kb / 1P
   high Current Toroid Inductors
2222 ETC2-2222 Datasheet
355Kb / 1P
   INTERCONNECT BATTERY HOLDERS
logo
NXP Semiconductors
2222-150-95102 NXP-2222-150-95102 Datasheet
653Kb / 10P
   RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
logo
Bourns Electronic Solut...
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-RC BOURNS-2222-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
More results

Similar Description - 2222207556

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC0201KRX5R4BB ETC1-CC0201KRX5R4BB Datasheet
374Kb / 18P
   General purpose & High capacitance Class 2, X5R
logo
MKS Instruments.
740C MKS-740C Datasheet
167Kb / 4P
   GENERAL PURPOSE BARATRON CAPACITANCE MANOMETERS
logo
YAGEO Corporation
CC1206KKX7R6BB475 YAGEO-CC1206KKX7R6BB475 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS General Purpose & High Capacitance
logo
MKS Instruments.
722B MKS-722B Datasheet
125Kb / 2P
   GENERAL PURPOSE ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
AA09A MKS-AA09A Datasheet
378Kb / 2P
   General Purpose Absolute Baratron Capacitance Manometer
R740C MKS-R740C Datasheet
241Kb / 4P
   BARATRON GENERAL PURPOSE CAPACITANCE MANOMETERS WITH TRIP RELAYS
logo
Sanyo Semicon Device
VS902SL SANYO-VS902SL Datasheet
233Kb / 3P
   Low Capacitance TVS Diode General Purpose Protection Device
VS901SL SANYO-VS901SL Datasheet
206Kb / 3P
   Low Capacitance TVS Diode General Purpose Protection Device
logo
Leshan Radio Company
R1800 LRC-R1800_15 Datasheet
207Kb / 7P
   General Purpose High
logo
Sanyo Semicon Device
2MP03SF SANYO-2MP03SF Datasheet
34Kb / 4P
   High-Frequency General-Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com