Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1210DRNPOCBB Datasheet(PDF) 4 Page - YAGEO Corporation

Part # CC1210DRNPOCBB
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1210DRNPOCBB Datasheet(HTML) 4 Page - YAGEO Corporation

  CC1210DRNPOCBB Datasheet HTML 1Page - YAGEO Corporation CC1210DRNPOCBB Datasheet HTML 2Page - YAGEO Corporation CC1210DRNPOCBB Datasheet HTML 3Page - YAGEO Corporation CC1210DRNPOCBB Datasheet HTML 4Page - YAGEO Corporation CC1210DRNPOCBB Datasheet HTML 5Page - YAGEO Corporation CC1210DRNPOCBB Datasheet HTML 6Page - YAGEO Corporation CC1210DRNPOCBB Datasheet HTML 7Page - YAGEO Corporation CC1210DRNPOCBB Datasheet HTML 8Page - YAGEO Corporation CC1210DRNPOCBB Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
High-Voltage
NP0
/X7R 1 KV to 3 KV
www.yageo.com
Aug 08, 2011 V.4
Surface-Mount Ceramic Multilayer Capacitors
4
16
Product specification
(1) Please refer to "Last 2-digit of 12NC" in "CAPACITANCE RANGE & THICKNESS FOR X7R"
(2) Tolerance ±5% is not available for full product range, please contact local sales force before ordering
(3) Quantity on reel depends on thickness classification; see table 5
Ordering information for X7R 1 KV to 3 KV
2 2 X X
X X
X
X
X
X
X X
Carrier type
50 = Blister
55 = Paper/PE
54 = Bulk
Rated voltage - Termination
00 = 1 KV
02 = 2 KV
04 = 3 KV
Size
1 = 1206
2 = 1210
3 = 1808
4 = 1812
Capacitance value(1)
Tolerance
5 =
±5%(2)
6 =
±10%
Packaging(3)
1 = reel:
∅180 mm; 7"
5 = reel:
∅330 mm; 13"
4 = bulk case
Temperature characteristic
5 = X7R
YNM0040
PHYCOMP CTC CODE (FOR NORTH AMERICA)
Example: 12102R102KFBB00
1210
2R
102
K
F
B
B
0
0
Size
code
Temp.
Char.
Capacitance
in pF
Tolerance
Voltage Termination
Packing
Marking
Range identifier
0805
1206
1210
1808
1812
CG = NP0
2R = X7R
101 = 100 pF;
the third digit
signifies the
multiplying factor:
8 = × 0.01
9 = × 0.1
0 = × 1
1 = × 10
2 = × 100
3 = × 1,000
C = ±0.25 pF
D = ±0.5 pF
G = ±2%
J = ±5%
K = ±10%
E = 1 KV
F = 2 KV
G = 3 KV
B = NiSn
2 = 180 mm
7” Paper/PE
3 = 330 mm
13” Paper/PE
B = 180 mm
7” Blister
F = 330 mm
13” Blister
P = Bulk case
0 = no marking 0 = conv. Ceramic
D = Class 2 MLCC


Similar Part No. - CC1210DRNPOCBB

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1210DRNPOCBB121 YAGEO-CC1210DRNPOCBB121 Datasheet
1Mb / 13P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1210DRNPOCBB

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com