Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1015-33 Datasheet(PDF) 1 Page - International Rectifier

Part # IRU1015-33
Description  1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1015-33 Datasheet(HTML) 1 Page - International Rectifier

  IRU1015-33 Datasheet HTML 1Page - International Rectifier IRU1015-33 Datasheet HTML 2Page - International Rectifier IRU1015-33 Datasheet HTML 3Page - International Rectifier IRU1015-33 Datasheet HTML 4Page - International Rectifier IRU1015-33 Datasheet HTML 5Page - International Rectifier IRU1015-33 Datasheet HTML 6Page - International Rectifier IRU1015-33 Datasheet HTML 7Page - International Rectifier IRU1015-33 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRU1015-33
1
Rev. 1.2
08/01/02
www.irf.com
TYPICAL APPLICATION
DESCRIPTION
The IRU1015-33 is a low dropout three terminal fixed
3.3V output regulator with minimum of 1.5A output cur-
rent capability. This product is specifically designed to
provide well regulated supply for low voltage IC applica-
tions requiring 3.3V output. The IRU1015-33 is guaran-
teed to have <1.3V dropout at full load current making it
ideal to provide well regulated output with supply voltage
as low as 4.6V input.
1.5A LOW DROPOUT POSITIVE
FIXED 3.3V REGULATOR
TJ (°C)
3-PIN PLASTIC
3-PIN PLASTIC
2-PIN PLASTIC
2-PIN PLASTIC
TO-220 (T)
TO-263 (M)
Ultra Thin-PakTM (P)
TO-252 (D-Pak)
0 To 150
IRU1015-33CT
IRU1015-33CM
IRU1015-33CP
IRU1015-33CD
Figure 1 - Typical application of IRU1015-33.
Data Sheet No. PD94123
FEATURES
APPLICATIONS
Guaranteed < 1.3V Dropout at Full Load Current
Fast Transient Response
1% Voltage Reference Initial Accuracy
Output Current Limiting
Built-In Thermal Shutdown
Standard 3.3V Chip Set and Logic Applications
PACKAGE ORDER INFORMATION
5V
3.3V / 1.5A
C1
100uF
C2
100uF
IRU1015-33
1
2
3
VOUT
Gnd
VIN


Similar Part No. - IRU1015-33

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1015-33 IRF-IRU1015-33 Datasheet
85Kb / 4P
   1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
More results

Similar Description - IRU1015-33

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1015-33 IRF-IRU1015-33 Datasheet
85Kb / 4P
   1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Anachip Corp
AP033 ANACHIP-AP033 Datasheet
137Kb / 5P
   1.5A Low Dropout Positive Fixed-Mode Regulator
logo
International Rectifier
IRU1050-33 IRF-IRU1050-33 Datasheet
85Kb / 4P
    5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
International Rectifier
IRU1050-33CT IRF-IRU1050-33CT Datasheet
58Kb / 8P
   5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1030-33 IRF-IRU1030-33 Datasheet
77Kb / 4P
    3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33CD IRF-IRU1050-33CD Datasheet
58Kb / 8P
   5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1117-33 IRF-IRU1117-33 Datasheet
64Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com