Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0805FKM070R001 Datasheet(PDF) 6 Page - YAGEO Corporation

Part # PF0805FKM070R001
Description  CURRENT SENSOR - LOW TCR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PF0805FKM070R001 Datasheet(HTML) 6 Page - YAGEO Corporation

Back Button PF0805FKM070R001 Datasheet HTML 2Page - YAGEO Corporation PF0805FKM070R001 Datasheet HTML 3Page - YAGEO Corporation PF0805FKM070R001 Datasheet HTML 4Page - YAGEO Corporation PF0805FKM070R001 Datasheet HTML 5Page - YAGEO Corporation PF0805FKM070R001 Datasheet HTML 6Page - YAGEO Corporation PF0805FKM070R001 Datasheet HTML 7Page - YAGEO Corporation PF0805FKM070R001 Datasheet HTML 8Page - YAGEO Corporation PF0805FKM070R001 Datasheet HTML 9Page - YAGEO Corporation PF0805FKM070R001 Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov 01, 2011 V.0
Product specification
6
10
SERIES
PR/PF/PH
0805/1206/2512/0815
TYPE
POWER
TOLERANCE
RESISTANCE RANGE
TEMPERATURE COEFFICIENT OF
RESISTANCE
PF0805
1/8 W, 1/4 W, 1/3 W
10 / 20 / 25 / 50 mΩ
PH0805
1/2 W
10 / 20 / 25 / 50 mΩ
PF1206
1/4 W, 1/2 W
10 / 15 / 20 / 25 / 30 / 40 / 50 mΩ
PH1206
1 W
10 / 15 / 20 / 25 / 30 / 40 / 50 mΩ
PF0815
1/2W, 1W
10 /15 / 20 mΩ
PF2512
1 W, 2W
6 / 7 / 8 / 10 / 15 / 20 / 25 / 33 / 50 mΩ
±100 ppm/°C, ±75 ppm/°C
PR2512
1 W, 2W
±1%, ±2%, ±5%
1 / 2 / 3 / 4 / 5 mΩ
1 mΩ ≤ R ≤ 2 mΩ
3 mΩ ≤ R ≤ 5 mΩ
±200 ppm/°C
±100 ppm/°C
ELECTRICAL CHARACTERISTICS
Table 2
FOOTPRINT AND SOLDERING PROFILES
For recommended footprint and soldering profiles, please refer to data sheet “Chip resistors mounting”.
PACKING STYLE AND PACKAGING QUANTITY
Table 3 Packing style and packaging quantity
PACKING STYLE
REEL DIMENSION
PF / PH0805
PF / PH1206
PF0815
PF / PR2512
Paper taping reel (R)
7" (178 mm)
4,000
4,000
---
---
Embossed taping reel (K)
7" (178 mm)
---
---
4,000
4,000
NOTE
1. For paper/embossed tape and reel specification/dimensions, please refer to data sheet “Chip resistors packing”.


Similar Part No. - PF0805FKM070R001

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PF0805 YAGEO-PF0805 Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
More results

Similar Description - PF0805FKM070R001

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com