Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF1206GKM7W0R001 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # PF1206GKM7W0R001
Description  CURRENT SENSOR - LOW TCR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PF1206GKM7W0R001 Datasheet(HTML) 4 Page - YAGEO Corporation

  PF1206GKM7W0R001 Datasheet HTML 1Page - YAGEO Corporation PF1206GKM7W0R001 Datasheet HTML 2Page - YAGEO Corporation PF1206GKM7W0R001 Datasheet HTML 3Page - YAGEO Corporation PF1206GKM7W0R001 Datasheet HTML 4Page - YAGEO Corporation PF1206GKM7W0R001 Datasheet HTML 5Page - YAGEO Corporation PF1206GKM7W0R001 Datasheet HTML 6Page - YAGEO Corporation PF1206GKM7W0R001 Datasheet HTML 7Page - YAGEO Corporation PF1206GKM7W0R001 Datasheet HTML 8Page - YAGEO Corporation PF1206GKM7W0R001 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov 01, 2011 V.0
Product specification
4
10
SERIES
PR/PF/PH
0805/1206/2512/0815
MARKING
PF0805 / PH0805
No marking
PF1206 / PH1206 / PR2512:
Full range
PF2512:
R < 20 m
Ω & R ≥ 20 mΩ with 2W
4 digits with top bar
The “R” is used as a decimal point; the other 3 digits are significant
PF2512: R ≥ 20 m
Ω with 1W
4 digits
The “R” is used as a decimal point; the other 3 digits are significant
PF0815
4 digits: E24 series
The “R” is used as a decimal point; the other 3 digits are significant
For further marking information, please refer to data sheet “Chip resistors marking”.
Fig. 2
Value = 5 mΩ
ynsc016
Fig. 3
Value = 20 mΩ
YNSC005
020
Fig. 4
Value = 10 mΩ
YNSC106
Fig. 1
ynsc107


Similar Part No. - PF1206GKM7W0R001

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PF1206 YAGEO-PF1206 Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
logo
Protek Devices
PF1206F PROTEC-PF1206F Datasheet
472Kb / 6P
   Fast acting chip fuses
PF1206F1 PROTEC-PF1206F1 Datasheet
472Kb / 6P
   Fast acting chip fuses
PF1206F1.25 PROTEC-PF1206F1.25 Datasheet
472Kb / 6P
   Fast acting chip fuses
PF1206F1.5 PROTEC-PF1206F1.5 Datasheet
472Kb / 6P
   Fast acting chip fuses
More results

Similar Description - PF1206GKM7W0R001

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com