Electronic Components Datasheet Search |
|
UF1008FCT Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd |
|
UF1008FCT Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd |
1 / 2 page ISOLATION UL TRAFAST SWITCHING RE CTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere FEATURES • Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. • Exceeds environmental standards of MIL-S-19500/228 • Low power loss, high efficiency. • Low forwrd voltge, high current capability • High surge capacity. • Ultra fast recovery times, high voltage. High temperature soldering : 260 • OC / 10 seconds at terminals • Pb free product at available : 99% Sn above meet RoHS environment substance directive request MECHANCALDATA • Case: ITO-220AB full molded plastic package • Terminals: Lead solderable per MIL-STD-202, Method 208 • Polarity: As marked. • Standard packaging: Any • Weight: 0.08 ounces, 2.26grams. . MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% UF 1000FCT UF 1001FCT UF 1002FCT UF 1003FCT UF 1004FCT UF 1006FCT UF 1008FCT UNITS Maximum Recurrent Peak Reverse Voltage 50 100 200 300 400 600 800 V Maximum RMS Voltage 35 70 140 210 280 420 560 V Maxi mum DC Blocki ng Voltage 50 100 200 300 400 600 800 V Maximum Averag e For ward Rectif ied Current at Tc=100°C 10 A Peak Forward Surge Current , 8.3 ms single half sine- wave super imposed on rated load (J EDEC method) 125 A Maximum I nstantaneous Forward Vol tage at 5.0A per element 1.0 1.30 1.70 V Maxi mum DC Reverse Cur rent (Note 1) Ta=25°C at Rated DC Blocking Voltage Ta=125°C 10 500 µA Typical Junction Capacitance (Note 1) 50 100 pF Maximum Reverse Recovery Time (Note 2) 50 75 ns Typical Thermal Resistance Note R θJC 15 Oper ating and Storage Temperature Range TJ -55 to +150 NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC. 2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A. 3. Thermal resistance from Junction to ambient and from junction to lead 0.375” (9.5mm) P.C.B mounted. ITO-220AB Unit:inch(mm) .161(4.1) MAX .130(3.3) MAX .185(4.8) MAX .272(6.9) .248(6.3) .055(1.4) MAX .035(0.9) MAX .100(2.55) .543(13.8) .512(13.0) .100(2.55) .114(2.9) .098(2.5) .032(0.8) MAX .606(15.4) .583(14.8) .112(2.85) .100(2.55) .406(10.3)MAX .134(3.4)DIA .113(3.0)DIA AC AC Positive CT DATA SHEET UF1000FCT~UF1008FCT SEMICONDUCTOR http://www.yeashin.com 1 REV.02 20110725 °C °C/W |
Similar Part No. - UF1008FCT |
|
Similar Description - UF1008FCT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |