Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1606FCT Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # UF1606FCT
Description  ISOLATION UL TRAFAST RECOVERY RECTIFIERS 50 to 800 Volts 16 AmperesCURRENT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF1606FCT Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  UF1606FCT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF1606FCT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISOLATION UL TRAFAST RECOVERY RECTIFIERS
50 to 800 Volts 16 Amperes CURRENT
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
Exceeds environmental standards of
MIL-S-19500/228
Low power loss, high efficiency.
Low forwrd voltge, high current capability
High surge capacity.
Ultra fast recovery times, high voltage.
High temperature soldering : 260
10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment
substance directive request
MECHANCALDATA
Case: ITO-220AB full molded plastic package
Terminals: Lead solderable per MIL-STD-202, Method 208
Polarity: As marked.
Standard packaging: Any
Weight: 0.08 ounces, 2.26grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
RETEMARAP
SYMBOL
UF
1600FCT
UF
1601FCT
UF
1602FCT
UF
1603FCT
UF
1604FCT
UF
1606FCT
UF
1608FCT
UNITS
Maximum Recurrent Peak Reverse V oltage
VRRM
50
100
200
300
400
600
800
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
V
Maximum Average For ward Current .375”(9 .5mm)
IAV
16
A
Peak Forward Surge Current :8.3ms single half
si ne-wave superimposed on rated load(JEDEC method)
IFSM
125
A
Maximum For ward Voltage at 8.0A
VF
1.0
1.30
1.70
V
Maxi mum DC Reverse current TA=25
at Rated DC Blocking Voltage TA=125
IR
10
500
µA
Typical Junction Capaci tance (Note 1)
CJ
170
130
pF
Maximum Reverse Recov ery Time (Note 2)
TRR
50
75
ns
Typical Thermal Resistance (Note 3 )
R JC
2
Operati ng Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A.
3. Thermal resistance from Junction to ambient and from junction to lead 0.375” (9.5mm) P.C.B mounted.
ITO-220AB
Unit:inch(mm)
.161(4.1)
MAX
.130(3.3)
MAX
.185(4.8)
MAX
.272(6.9)
.248(6.3)
.055(1.4)
MAX
.035(0.9)
MAX
.100(2.55)
.543(13.8)
.512(13.0 )
.100(2.55)
.114(2.9 )
.098(2.5)
.032(0.8)
MAX
.606(15.4 )
.583(14.8)
.112(2.85)
.100(2.55)
.406(10.3)MAX
.134(3.4)DIA
.113(3.0)DIA
AC
AC
Positive CT
DATA SHEET
UF1600FCT~UF1608FCT
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
°C
°C/W
°C
°C
°C/


Similar Part No. - UF1606FCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1606FCT PANJIT-UF1606FCT Datasheet
56Kb / 2P
   ISOLATION ULTRAFST SWITCHING RECTIFIER(VOLTAGE- 50 to 800 Volts CURRENT - 16.0 Amperes)
logo
Won-Top Electronics
UF1606FCT WTE-UF1606FCT Datasheet
49Kb / 3P
   16A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1606FCT WTE-UF1606FCT Datasheet
60Kb / 4P
   16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1606FCT PANJIT-UF1606FCT Datasheet
45Kb / 2P
   ISOLATION ULTRAFAST RECOVERY RECTIFIERS
UF1606FCT PANJIT-UF1606FCT Datasheet
95Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
More results

Similar Description - UF1606FCT

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
UF1000FCT YEASHIN-UF1000FCT Datasheet
40Kb / 2P
   ISOLATION UL TRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
UF1600CT YEASHIN-UF1600CT Datasheet
41Kb / 2P
   ISOLATION ULTRAFAST RECOVERY RECTIFIERS 50 to 800 Volts 16 Amperes CURRENT
logo
Micro Commercial Compon...
PF501L MCC-PF501L_08 Datasheet
137Kb / 3P
   50Amp Standard Recovery Rectifier 50 to 800 Volts
logo
Pan Jit International I...
ER800F PANJIT-ER800F Datasheet
55Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 400 Volts CURRENT - 8.0 Amperes)
ER1000FCT PANJIT-ER1000FCT Datasheet
57Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 400 Volts CURRENT - 10.0 Amperes)
logo
GOOD-ARK Electronics
MR850 GOOD-ARK-MR850 Datasheet
154Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 800 Volts Forward Current 3.0 Amperes
logo
Micro Commercial Compon...
FSM11PL MCC-FSM11PL Datasheet
76Kb / 3P
   1.0 Amp Super Fast Recovery Rectifier 50 to 800 Volts
logo
ON Semiconductor
2N6400 ONSEMI-2N6400_04 Datasheet
77Kb / 6P
   Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
December, 2004 ??Rev. 3
logo
Pan Jit International I...
UF800F PANJIT-UF800F Datasheet
74Kb / 2P
   ISOLATION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
UF1600FCT PANJIT-UF1600FCT Datasheet
56Kb / 2P
   ISOLATION ULTRAFST SWITCHING RECTIFIER(VOLTAGE- 50 to 800 Volts CURRENT - 16.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com