Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V14MLA0603NR Datasheet(PDF) 1 Page - Littelfuse

Part # V14MLA0603NR
Description  Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V14MLA0603NR Datasheet(HTML) 1 Page - Littelfuse

  V14MLA0603NR Datasheet HTML 1Page - Littelfuse V14MLA0603NR Datasheet HTML 2Page - Littelfuse V14MLA0603NR Datasheet HTML 3Page - Littelfuse V14MLA0603NR Datasheet HTML 4Page - Littelfuse V14MLA0603NR Datasheet HTML 5Page - Littelfuse V14MLA0603NR Datasheet HTML 6Page - Littelfuse V14MLA0603NR Datasheet HTML 7Page - Littelfuse V14MLA0603NR Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2013 Littelfuse, Inc.
39
Revised: May 8, 2013
Varistor Products
MLA Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MLA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html or MLA.html for current information.
MLA Varistor Series
RoHS
Description
The MLA Series (also known as "ML" series) family of
transient voltage surge suppression devices is based on
the Littelfuse Multilayer fabrication technology. These
components are designed to suppress a variety of
transient events, including those specified in IEC 61000-4-2
or other standards used for Electromagnetic Compliance
(EMC). The MLA Series is typically applied to protect
integrated circuits and other components at the circuit
board level.
The wide operating voltage and energy range make the
MLA Series suitable for numerous applications on power
supply, control and signal lines.
The MLA Series is manufactured from semiconducting
ceramics, and is supplied in a leadless, surface mount
package. The MLA Series is compatible with modern
reflow and wave soldering procedures.
It can operate over a wider temperature range than Zener
diodes, and has a much smaller footprint than plastic-
housed components.
Littelfuse Inc. manufactures other multilayer series
products. See the MLE Series data sheet for ESD
applications, MHS Series data sheet for high-speed ESD
applications, the MLN Series for multiline protection and
the AUML Series for automotive applications.
Features
RoHS compliant
Leadless 0402, 0603,
0805, 1206 and
1210 chip sizes
Multilayer ceramic
construction technology
-55°C to +125°C
operating temp. range
Operating voltage range
V
M(DC)
= 5.5V to 120V
Rated for surge
current (8 x 20μs)
Rated for energy
(10 x 1000μs)
Inherent bi-directional
clamping
Standard low capacitance
types available
Applications
Suppression of inductive
switching or other
transient events such as
EFT and surge voltage at
the circuit board level
ESD protection for IEC
61000-4-2, MIL-STD-
883c method 3015.7,
and other industry
specifications (see also
the MLE or MLN Series)
Provides on-board
transient voltage
protection for ICS
and transistors
Used to help achieve
electromagnetic
compliance of
end products
Replace larger surface
mount TVS Zeners in
many applications
Size Table
Metric
EIA
1005
0402
1608
0603
2012
0805
3216
1206
3225
1210
Absolute Maximum Ratings
For ratings of individual members of a series, see device ratings and specifications table.
Continuous
ML Series
Units
Steady State Applied Voltage:
DC Voltage Range (V
M(DC))
3.5 to 120
V
AC Voltage Range (V
M(AC)RMS)
2.5 to 107
V
Transient:
Non-Repetitive Surge Current, 8/20μs Waveform, (I
TM)
4 to 500
A
Non-Repetitive Surge Energy, 10/1000μs Waveform, (W
TM)
0.02 to 2.5
J
Operating Ambient Temperature Range (T
A)
-55 to +125
ºC
Storage Temperature Range (T
STG)
-55 to +150
ºC
Temperature Coefficient ( V) of Clamping Voltage (V
C) at
Specified Test Current
<0.01
%/º C


Similar Part No. - V14MLA0603NR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14MLA0603N LITTELFUSE-V14MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0603N LITTELFUSE-V14MLA0603N Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V14MLA0603N LITTELFUSE-V14MLA0603N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V14MLA0603N LITTELFUSE-V14MLA0603N Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V14MLA0603N LITTELFUSE-V14MLA0603N Datasheet
875Kb / 8P
   MLA Varistor Seriesv
More results

Similar Description - V14MLA0603NR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14MLA0805NH LITTELFUSE-V14MLA0805NH Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1206H LITTELFUSE-V18MLA1206H Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA1206H LITTELFUSE-V26MLA1206H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V55MLA0402LNR LITTELFUSE-V55MLA0402LNR Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1210NT LITTELFUSE-V18MLA1210NT Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA0805H LITTELFUSE-V18MLA0805H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5-5MLA0603NH LITTELFUSE-V5-5MLA0603NH Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V42MLA1206H LITTELFUSE-V42MLA1206H Datasheet
380Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V48MLA1210H LITTELFUSE-V48MLA1210H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5.5MLA1206H LITTELFUSE-V5.5MLA1206H Datasheet
1Mb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com