Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V27CH8 Datasheet(PDF) 1 Page - Littelfuse

Part # V27CH8
Description  Varistor Products Surface Mount Varistors > CH Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V27CH8 Datasheet(HTML) 1 Page - Littelfuse

  V27CH8 Datasheet HTML 1Page - Littelfuse V27CH8 Datasheet HTML 2Page - Littelfuse V27CH8 Datasheet HTML 3Page - Littelfuse V27CH8 Datasheet HTML 4Page - Littelfuse V27CH8 Datasheet HTML 5Page - Littelfuse V27CH8 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 30, 2010
CH Varistor Series
Surface Mount Varistors > CH Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/CH.html for current information.
CH Varistor Series
RoHS
Description
CH Series transient surge suppressors are small,
metal-oxide varistors (MOVs) manufactured in leadless
chip form. They are intended for use in a variety of
applications from low voltage DC to off-line board-level
protection. These devices, which have significantly
lower profiles than traditional radial lead varistors,
permit designers to reduce the size and weight and
increase the reliability of their equipment designs.
CH Series varistors are available in a voltage range from
14V to 275V (V
M(AC)RMS), and energy ratings up to 8J.
See the Littelfuse Multilayer Suppressor Series also.
Features
mount chip in 5
x 8mm Size
V
M(AC)RMS 14V to 275V
reel or bulk pack
125ºC ambient
Agency Approvals
Absolute Maximum Ratings
Continuous
CH Series
Units
Steady State Applied Voltage:
AC Voltage Range (V
M(AC)RMS)
14 to 275
V
DC Voltage Range (V
M(DC))
18 to 369
V
Transient:
Peak Pulse Current (I
TM)
For 8/20μs Current (See Figure 2)
100 to 250
A
Single Pulse Energy Range
For 10/1000μs Current Wave (W
TM)
1.0 to 8.0
J
Operating Ambient Temperature Range (T
A)
-55 to +125
ºC
Storage Temperature Range (T
STG)
-55 to +150
ºC
Temperature Coefficient ( V) of Clamping Voltage (V
C) at Specified Test Current
<0.01
%/ºC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
AGENCY
AGENCY FILE NUMBER
UL E320116
Recognized under the components program of
Underwriters Laboratories.


Similar Part No. - V27CH8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V27CH8 LITTELFUSE-V27CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
V27CH8 LITTELFUSE-V27CH8 Datasheet
633Kb / 6P
   Surface Mount Varistors
V27CH8 LITTELFUSE-V27CH8 Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
V27CH8 LITTELFUSE-V27CH8 Datasheet
633Kb / 6P
   CH Varistor Series
V27CH8T LITTELFUSE-V27CH8T Datasheet
633Kb / 6P
   CH Varistor Series
More results

Similar Description - V27CH8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V360CH8T LITTELFUSE-V360CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V22CH8T LITTELFUSE-V22CH8T Datasheet
850Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V39CH8T LITTELFUSE-V39CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
V18MLA0805H LITTELFUSE-V18MLA0805H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5-5MLA0603NH LITTELFUSE-V5-5MLA0603NH Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V0603MHS03NH LITTELFUSE-V0603MHS03NH Datasheet
836Kb / 5P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MHS Series
V14MLA0805NH LITTELFUSE-V14MLA0805NH Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1206H LITTELFUSE-V18MLA1206H Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA1206H LITTELFUSE-V26MLA1206H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com