Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2035CP Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # ML2035CP
Description  Serial Input Programmable Sine Wave Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2035CP Datasheet(HTML) 6 Page - Fairchild Semiconductor

  ML2035CP Datasheet HTML 1Page - Fairchild Semiconductor ML2035CP Datasheet HTML 2Page - Fairchild Semiconductor ML2035CP Datasheet HTML 3Page - Fairchild Semiconductor ML2035CP Datasheet HTML 4Page - Fairchild Semiconductor ML2035CP Datasheet HTML 5Page - Fairchild Semiconductor ML2035CP Datasheet HTML 6Page - Fairchild Semiconductor ML2035CP Datasheet HTML 7Page - Fairchild Semiconductor ML2035CP Datasheet HTML 8Page - Fairchild Semiconductor ML2035CP Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ML2035
6
REV. 1.0 10/10/2000
Figure 3. Detailed Block Diagram of the ML2035.
16-BIT
SHIFT REGISTER
16-BIT
DATA LATCH
21-BIT
ADDER
A16 A0
A20 A15
B0–B20
21-BIT
LATCH
SUM (21 BITS)
Q20
Q0
BINARY
PHASE ACCUMULATOR
fREF
QUADRANT
COMPLEMENTER
LEAST
SIGNIFICANT
(12 BITS)
PHASE SAMPLES
(7 BITS)
SIGN BIT
QUADRANT
BIT
(16 BITS)
• • •
(16 BITS)
• • •
•••
•••
INPUT TO
QUADRANT
COMPLEMENTOR
T =
1
fREF
INPUT TO
ROM
PICTORIAL
PRESENTATION
OF DIGITAL DATA
INPUT TO SIGN
COMPLEMENTOR
SIGN
BIT
(7 BITS)
• • •
READ-ONLY
MEMORY
(128 X 7)
(7 BITS)
• • •
(7 BITS)
• • •
(7BITS)
• • •
SIGN
COMPLEMENTOR
OUTPUT
LATCH
8-BIT
DIGITAL-TO-ANALOG
CONVERTER
LOW-PASS
FILTER
SINEWAVE
OUTPUT
OUTPUT OF
LOW-PASS
FILTER
(ANALOG
SIGNAL)
INPUT TO
LOW-PASS
FILTER
(ANALOG
SIGNAL)
INPUT TO D/A
CONVERTER
INPUT TO
OUTPUT LATCH
SIGN
BIT
SIGN
BIT
fREF
CLK IN
CRYSTAL
OSCILLATOR
÷4
LATI
SID


Similar Part No. - ML2035CP

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2035CP MICRO-LINEAR-ML2035CP Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
More results

Similar Description - ML2035CP

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2035 MICRO-LINEAR-ML2035 Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Micro Linear Corporatio...
ML2037 MICRO-LINEAR-ML2037 Datasheet
208Kb / 10P
   500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
logo
Analog Devices
3B42 AD-3B42 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B44 AD-3B44_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B42 AD-3B42_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B43 AD-3B43_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com