Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2036 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # ML2036
Description  Serial Input Programmable Sine Wave Generator with Digital Gain Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2036 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  ML2036 Datasheet HTML 1Page - Fairchild Semiconductor ML2036 Datasheet HTML 2Page - Fairchild Semiconductor ML2036 Datasheet HTML 3Page - Fairchild Semiconductor ML2036 Datasheet HTML 4Page - Fairchild Semiconductor ML2036 Datasheet HTML 5Page - Fairchild Semiconductor ML2036 Datasheet HTML 6Page - Fairchild Semiconductor ML2036 Datasheet HTML 7Page - Fairchild Semiconductor ML2036 Datasheet HTML 8Page - Fairchild Semiconductor ML2036 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ML2036
PRODUCT SPECIFICATION
2
REV. 1.0.2 7/26/01
Pin Configuration
Pin Description (Pin Number in Paranthesis is for SOIC Version)
PIN
NAME
FUNCTION
1 (2)
VSS
Negative supply (-5V).
2 (3)
PDN-INH
Three level input which controls the inhibit and power down modes. Current source pull-up
to VCC.
3 (4)
CLK
OUT 1
Digital clock output from the internal clock generator that can drive other devices at fCLK OUT
1 = fCLK IN/2.
4 (5)
CLK
OUT 2
Digital clock output from the internal clock generator that can drive other devices at fCLK OUT
2 = fCLK IN/8.
5 (6)
SCK
Serial clock. Digital input which clocks in serial data on its rising edges.
6 (7)
SID
Serial input data which programs the frequency of VOUT.
7 (8)
LATI
Digital input which latches serial data into the internal data latch on falling edges.
8 (9)
VCC
Positive supply (5V).
9 (10)
VREF
Reference input. The voltage on this pin determines the peak-to-peak swing of VOUT. VREF
can be tied to VCC.
10 (11)
VOUT
Analog output.
11 (12)
AGND
Analog ground. All analog inputs and outputs are referenced to this point.
12 (13)
DGND
Digital ground. All digital inputs and outputs are referenced to this point.
13 (15)
GAIN
Sets VOUT peak amplitude to VREF or VREF/2. Current source pull-down to DGND.
14 (16)
CLK IN
Clock input. The internal clock can be generated by tying a 3 to 12MHz crystal from this pin
to DGND, or by applying a digital clock signal directly to the pin.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VSS
PDN-INH
CLK OUT 1
CLK OUT 2
SCK
SID
LATI
CLK IN
GAIN
DGND
AGND
VOUT
VREF
VCC
TOP VIEW
ML2036
14-Pin PDIP (P14)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
ML2036
16-Pin Wide SOIC (S16W)
NC
VSS
PDN-INH
CLK OUT 1
CLK OUT 2
SCK
SID
LATI
CLK IN
GAIN
NC
DGND
AGND
VOUT
VREF
VCC


Similar Part No. - ML2036

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2036CP MICRO-LINEAR-ML2036CP Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2036CS MICRO-LINEAR-ML2036CS Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2036IP MICRO-LINEAR-ML2036IP Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2036IS MICRO-LINEAR-ML2036IS Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
More results

Similar Description - ML2036

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2037 MICRO-LINEAR-ML2037 Datasheet
208Kb / 10P
   500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2035 FAIRCHILD-ML2035 Datasheet
168Kb / 9P
   Serial Input Programmable Sine Wave Generator
logo
Micro Linear Corporatio...
ML2035 MICRO-LINEAR-ML2035 Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
logo
IK Semicon Co., Ltd
IK6501 IKSEMICON-IK6501 Datasheet
2Mb / 20P
   Sine-wave PWM control
IK6501-01 IKSEMICON-IK6501-01 Datasheet
2Mb / 20P
   Sine-wave PWM control
logo
Linear Technology
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
LTC6912 LINER-LTC6912 Datasheet
417Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com