Electronic Components Datasheet Search |
|
P80C32X2BN Datasheet(PDF) 4 Page - NXP Semiconductors |
|
P80C32X2BN Datasheet(HTML) 4 Page - NXP Semiconductors |
4 / 62 page Philips Semiconductors Product data P80C3xX2; P80C5xX2; P87C5xX2 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz) 2003 Jan 24 4 P80C31/32X2 ORDERING INFORMATION (ROMLESS) Type number Package Temperature R( °C) Name Description Version Range ( °C) P80C31X2BA PLCC44 plastic leaded chip carrier; 44 leads SOT187-2 0 to +70 P80C31X2BN DIP40 plastic dual in-line package; 40 leads (600 mil) SOT129-1 0 to +70 P80C32X2BA PLCC44 plastic leaded chip carrier; 44 leads SOT187-2 0 to +70 P80C32X2BN DIP40 plastic dual in-line package; 40 leads (600 mil) SOT129-1 0 to +70 P80C32X2BBD LQFP44 plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm SOT389-1 0 to +70 P80C32X2FA PLCC44 plastic leaded chip carrier; 44 leads SOT187-2 –40 to +85 P80C32X2FN DIP40 plastic dual in-line package; 40 leads (600 mil) SOT129-1 –40 to +85 P87C51X2 ORDERING INFORMATION (4 KBYTE OTP) Type number Package Temperature R( °C) Name Description Version Range ( °C) P87C51X2BA PLCC44 plastic leaded chip carrier; 44 leads SOT187-2 0 to +70 P87C51X2BN DIP40 plastic dual in-line package; 40 leads (600 mil) SOT129-1 0 to +70 P87C51X2BBD LQFP44 plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm SOT389-1 0 to +70 P87C51X2FA PLCC44 plastic leaded chip carrier; 44 leads SOT187-2 –40 to +85 P87C51X2FBD LQFP44 plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm SOT389-1 –40 to +85 P87C52X2 ORDERING INFORMATION (8 KBYTE OTP) Type number Package Temperature R( °C) Name Description Version Range ( °C) P87C52X2BA PLCC44 plastic leaded chip carrier; 44 leads SOT187-2 0 to +70 P87C52X2BN DIP40 plastic dual in-line package; 40 leads (600 mil) SOT129-1 0 to +70 P87C52X2BBD LQFP44 plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm SOT389-1 0 to +70 P87C52X2FA PLCC44 plastic leaded chip carrier; 44 leads SOT187-2 –40 to +85 P87C52X2FN DIP40 plastic dual in-line package; 40 leads (600 mil) SOT129-1 –40 to +85 P87C52X2FBD LQFP44 plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm SOT389-1 –40 to +85 P87C54X2 ORDERING INFORMATION (16 KBYTE OTP) Type number Package Temperature R( °C) Name Description Version Range ( °C) P87C54X2BA PLCC44 plastic lead chip carrier; 44 leads SOT187-2 0 to +70 P87C54X2BN DIP40 plastic dual in-line package; 40 leads (600 mil) SOT129-1 0 to +70 P87C54X2BBD LQFP44 plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm SOT389-1 0 to +70 P87C54X2BDH TSSOP38 plastic thin shrink small outline package; 38 leads; body width 4.4 mm; lead pitch 0.5 mm SOT510-1 0 to +70 P87C54X2FA PLCC44 plastic lead chip carrier; 44 leads SOT187-2 –40 to +85 P87C54X2FBD LQFP44 plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm SOT389-1 –40 to +85 P87C58X2 ORDERING INFORMATION (32 KBYTE OTP) Type number Package Temperature R( °C) Name Description Version Range ( °C) P87C58X2BA PLCC44 plastic lead chip carrier; 44 leads SOT187-2 0 to +70 P87C58X2BN DIP40 plastic dual in-line package; 40 leads (600 mil) SOT129-1 0 to +70 P87C58X2BBD LQFP44 plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm SOT389-1 0 to +70 P87C58X2FA PLCC44 plastic lead chip carrier; 44 leads SOT187-2 –40 to +85 P87C58X2FBD LQFP44 plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm SOT389-1 –40 to +85 P87C58X2FN DIP40 plastic dual in-line package; 40 leads (600 mil) SOT129-1 –40 to +85 All OTP parts listed here are also available as ROM parts (80C5xX2). Please contact your Philips representative if you would like to order a ROM part. |
Similar Part No. - P80C32X2BN |
|
Similar Description - P80C32X2BN |