Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431QDBZR Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TL431QDBZR
Description  Adjustable precision shunt regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TL431QDBZR Datasheet(HTML) 4 Page - NXP Semiconductors

  TL431QDBZR Datasheet HTML 1Page - NXP Semiconductors TL431QDBZR Datasheet HTML 2Page - NXP Semiconductors TL431QDBZR Datasheet HTML 3Page - NXP Semiconductors TL431QDBZR Datasheet HTML 4Page - NXP Semiconductors TL431QDBZR Datasheet HTML 5Page - NXP Semiconductors TL431QDBZR Datasheet HTML 6Page - NXP Semiconductors TL431QDBZR Datasheet HTML 7Page - NXP Semiconductors TL431QDBZR Datasheet HTML 8Page - NXP Semiconductors TL431QDBZR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TL431_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 30 June 2011
4 of 27
NXP Semiconductors
TL431 family
Adjustable precision shunt regulator
6.
Marking
[1]
* = placeholder for manufacturing site code.
7.
Functional diagram
The TL431 family comprises a range of 3-terminal adjustable shunt regulators, with
specified thermal stability over applicable automotive and commercial temperature
ranges. The output voltage may be set to any value between Vref (approximately 2.5 V)
and 36 V with two external resistors (see Figure 8). These devices have a typical output
impedance of 0.2
. Active output circuitry provides a very sharp turn-on characteristic,
making these devices excellent replacements for Zener diodes in many applications like
on-board regulation, adjustable power supplies and switching power supplies.
Table 4.
Marking codes
Type number
Marking code[1]
Type number
Marking code[1]
TL431CDBZR
CA*
TL431ASDT
RL*
TL431IDBZR
CB*
TL431AMSDT
LQ*
TL431QDBZR
CC*
TL431BCDBZR
CG*
TL431FDT
AR*
TL431BIDBZR
CH*
TL431MFDT
AU*
TL431BQDBZR
CJ*
TL431SDT
RM*
TL431BFDT
AT*
TL431MSDT
LR*
TL431BMFDT
AW*
TL431ACDBZR
CD*
TL431BSDT
MA*
TL431AIDBZR
CE*
TL431BMSDT
MB*
TL431AQDBZR
CF*
-
-
TL431AFDT
AS*
-
-
TL431AMFDT
AV*
-
-
Fig 1.
Functional diagram
Vref
ANODE
CATHODE
REF
006aab569


Similar Part No. - TL431QDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431QDBZR TI-TL431QDBZR Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431QDBZR TI-TL431QDBZR Datasheet
1Mb / 79P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431QDBZR TI-TL431QDBZR Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
NXP Semiconductors
TL431QDBZR NXP-TL431QDBZR Datasheet
277Kb / 27P
   Adjustable precision shunt regulator
Rev. 4-30 June 2011
logo
Texas Instruments
TL431QDBZR TI-TL431QDBZR Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TL431QDBZR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com