Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1940U Datasheet(PDF) 1 Page - ON Semiconductor

Part # LB1940U
Description  Monolithic Digital IC 2-ch H-Bridge Constant Current Driver Constant-current control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1940U Datasheet(HTML) 1 Page - ON Semiconductor

  LB1940U Datasheet HTML 1Page - ON Semiconductor LB1940U Datasheet HTML 2Page - ON Semiconductor LB1940U Datasheet HTML 3Page - ON Semiconductor LB1940U Datasheet HTML 4Page - ON Semiconductor LB1940U Datasheet HTML 5Page - ON Semiconductor LB1940U Datasheet HTML 6Page - ON Semiconductor LB1940U Datasheet HTML 7Page - ON Semiconductor LB1940U Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
D0512HK 20080624-S00002,B8-5952/D2706 MS IM/93004 JO IM No.7232-1/8
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
June, 2013
LB1940T
LB1940U
Overview
The LB1940T and LB1940U are 2-phase exciter type bipolar stepper motor driver ICs that feature low-voltage,
(supporting 3V battery) and low current operation with low saturation voltage. These ICs enable constant-current
control of actuators, and are optimal for driving the actuators of PC peripherals such as USB compatible scanners,
FDDs, and printers, as well as for controlling the shutter, iris, and AF of a digital still camera.
Features
• Low-voltage driving
2-power source type:
VS = 1.6 to 7.5V, VDD = 1.9 to 6.5V
Single power source type: VS = VDD = 1.9 to 7.5V
• Low saturation output:
VO(sat) = 0.3V at IO of 200mA
• Constant-current control
• Built-in reference voltage (Vref = 0.9V)
• Small-sized, low-profile package (LB1940T: TSSOP20; 225mil; thickness (t) = 1.2mm max.)
(LB1940U: MSOP20; thickness (t) = 0.85mm max.)
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VB max
VS1, VS2, VDD
-0.3 to +10.5
V
Output applied voltage
VOUT max
OUT1, OUT2, OUT3, OUT4
-0.3 to +10.5
V
Output Current
IO max
400
mA
Input applied voltage
VIN max
ENA1, ENA2, IN1, IN2, VC
-0.3 to +10.5
V
Allowable power dissipation
Pd max
Mounted on a specified board *
800
mW
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted on a Specified board: 114.3mm
×76.1mm×1.6mm, glass epoxy
Ordering number : EN7232B
Monolithic Digital IC
2-ch H-Bridge Constant Current Driver
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LB1940U

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1940U SANYO-LB1940U Datasheet
450Kb / 9P
   LB1940T
LB1940U SANYO-LB1940U Datasheet
297Kb / 8P
   2-ch H-Bridge Constant Current Driver
LB1940U SANYO-LB1940U Datasheet
267Kb / 8P
   2-ch H-Bridge Constant Current Driver
More results

Similar Description - LB1940U

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T_06 Datasheet
297Kb / 8P
   2-ch H-Bridge Constant Current Driver
logo
ON Semiconductor
LB1940T-TLM-H ONSEMI-LB1940T-TLM-H Datasheet
251Kb / 8P
   2-ch H-Bridge Constant Current Driver
December, 2013
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T_09 Datasheet
267Kb / 8P
   2-ch H-Bridge Constant Current Driver
LB1939T SANYO-LB1939T_09 Datasheet
67Kb / 7P
   2 Channel H Bridge Constant Voltage/Constant Current Driver IC
LB1939T SANYO-LB1939T Datasheet
113Kb / 7P
   2 Channel H Bridge Constant Voltage/ Constant Current Driver IC
logo
Global Mixed-mode Techn...
G2004 GMT-G2004 Datasheet
63Kb / 1P
   Constant current type 1-CH H-bridge driver IC
logo
ON Semiconductor
LB1939T ONSEMI-LB1939T Datasheet
138Kb / 7P
   2 Channel H Bridge Constant Voltage/Constant Current Driver
December 2013 - Rev. 0
logo
Sanyo Semicon Device
LB8681CL SANYO-LB8681CL Datasheet
69Kb / 5P
   Monolithic Digital IC Constant Current Driver IC with H-bridge 횞 1.5 Channel
logo
Renesas Technology Corp
M62237FP RENESAS-M62237FP Datasheet
1Mb / 4P
   CONSTANT VOLTAGE CONSTANT CURRENT CONTROL IC
M62237FP RENESAS-M62237FP_07 Datasheet
109Kb / 7P
   Constant Voltage Constant Current Control IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com