Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-5007 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-5007
Description  LTE Band7 (2500-2570 MHz) 3 x 3 mm Power Amplifi er Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-5007 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-5007 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-5007 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-5007 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-5007 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-5007 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-5007 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-5007 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-5007 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-5007 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Footprint and Pin Description
X-RAY TOP VIEW
All dimensions are in millimeter
0.125
0.10
0.35
0.35
0.60
0.10
1.50
0.25
0.3
Pin 1
VCC1
RFIN
Vpp
VMODE
VEN
VCC2
RFOUT
ISO
GND
CPL
1
2
3
4
5
10
9
8
7
6
Pin #
Name
Description
Pin #
Name
Description
1
Vcc1
DC Supply Voltage
6
CPL
Coupling port of Coupler
2RFin
RF Input
7
GND
Ground
3Vbp
Bypass Control
8
ISO
Isolation port of Coupler
4
Vmode
Mode Control
9
RFOut
RF Out
5
Ven
PA Enable
10
Vcc2
DC Supply Voltage


Similar Part No. - ACPM-5007

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5001-BLK AVAGO-ACPM-5001-BLK Datasheet
329Kb / 13P
   Multimode PA - UMTS Band1 and CDMA IMT (1920-1980MHz) 3x3mm Power Amplifier Module with Coupler
ACPM-5001-TR1 AVAGO-ACPM-5001-TR1 Datasheet
329Kb / 13P
   Multimode PA - UMTS Band1 and CDMA IMT (1920-1980MHz) 3x3mm Power Amplifier Module with Coupler
logo
Broadcom Corporation.
ACPM-5002 BOARDCOM-ACPM-5002 Datasheet
312Kb / 13P
   Multimode PA - UMTS Band2, LTE Band25 and CDMA PCS 3x3mm Power Amplifi er Module with Coupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5002-BLK AVAGO-ACPM-5002-BLK Datasheet
312Kb / 13P
   Multimode PA - UMTS Band2, LTE Band25 and CDMA PCS 3x3mm Power Amplifi er Module with Coupler
logo
Broadcom Corporation.
ACPM-5002-BLK BOARDCOM-ACPM-5002-BLK Datasheet
312Kb / 13P
   Multimode PA - UMTS Band2, LTE Band25 and CDMA PCS 3x3mm Power Amplifi er Module with Coupler
More results

Similar Description - ACPM-5007

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77706 SKYWORKS-SKY77706 Datasheet
75Kb / 2P
   Power Amplifier Module for LTE FDD Band VII (2500-2570 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5013 AVAGO-ACPM-5013 Datasheet
353Kb / 14P
   3 x 3 mm Power Amplifier Module LTE Band13/14 (777-798 MHz)
ACPM-5011 AVAGO-ACPM-5011 Datasheet
977Kb / 13P
   UMTS/LTE Band11 Band21 (1427.9 - 1462.9 MHz) 3 x 3 mm Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77445 SKYWORKS-SKY77445 Datasheet
109Kb / 2P
   Front-End Module for LTE / EUTRAN Band VII (Tx 2500-2570 MHz), (Rx 2620-2690 MHz)
logo
MRV Communications, Inc...
EM800-OAX MRV-EM800-OAX Datasheet
1Mb / 4P
   LambdaDriver짰 - Optical Amplifi er Module
logo
Mini-Circuits
ZHL-100W-13 MINI-ZHL-100W-13 Datasheet
391Kb / 3P
   High Power Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-22103 AVAGO-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
Broadcom Corporation.
MGA-22103 BOARDCOM-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
Stealth Microwave, Inc.
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM2325-34HS STEALTH_MICROWAVE-SM2325-34HS Datasheet
93Kb / 2P
   2300-2500 MHz 3 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com