Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-5011-BLK Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-5011-BLK
Description  UMTS/LTE Band11 Band21 (1427.9 - 1462.9 MHz) 3 x 3 mm Power Amplifier Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-5011-BLK Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-5011-BLK Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011-BLK Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011-BLK Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011-BLK Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011-BLK Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011-BLK Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011-BLK Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011-BLK Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011-BLK Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Reflow Profile Recommendations
Typical SMT Reflow Profile for Maximum Temperature = 260 +0/-5° C
25
Time
Tp
TL
tp
tL
t 25° C to Peak
Ramp-up
ts
Tsmin
Ramp-down
Preheat
Critical Zone
TL to Tp
Tsmax
Typical SMT Reflow Profile for Maximum Temperature = 260 +0/-5° C
Profile Feature
Sn-Pb Solder
Pb-Free Solder
Average ramp-up rate (TL to TP)
3° C/sec max
3° C/sec max
Preheat
– Temperature Min (Tsmin)
– Temperature Max (Tsmax)
– Time (min to max) (ts)
100° C
150° C
60-120 sec
150° C
200° C
60-180 sec
Tsmax to TL
– Ramp-up Rate
3° C/sec max
Time maintained above:
– Temperature (TL)
– Time (TL)
183° C
60-150 sec
217° C
60-150 sec
Peak temperature (TP)
240 +0/-5° C
260 +0/-5° C
Time within 5° C of actual Peak Temperature (TP)
10-30 sec
20-40 sec
Ramp-down Rate
6° C/sec max
6° C/sec max
Time 25° C to Peak Temperature
6 min max.
8 min max.


Similar Part No. - ACPM-5011-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5013 AVAGO-ACPM-5013 Datasheet
353Kb / 14P
   3 x 3 mm Power Amplifier Module LTE Band13/14 (777-798 MHz)
ACPM-5013-BLK AVAGO-ACPM-5013-BLK Datasheet
353Kb / 14P
   3 x 3 mm Power Amplifier Module LTE Band13/14 (777-798 MHz)
ACPM-5013-TR1 AVAGO-ACPM-5013-TR1 Datasheet
353Kb / 14P
   3 x 3 mm Power Amplifier Module LTE Band13/14 (777-798 MHz)
More results

Similar Description - ACPM-5011-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5013 AVAGO-ACPM-5013 Datasheet
353Kb / 14P
   3 x 3 mm Power Amplifier Module LTE Band13/14 (777-798 MHz)
ACPM-5007 AVAGO-ACPM-5007 Datasheet
300Kb / 13P
   LTE Band7 (2500-2570 MHz) 3 x 3 mm Power Amplifi er Module
logo
RF Micro Devices
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
   3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
logo
Qorvo, Inc
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
   3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
logo
AVAGO TECHNOLOGIES LIMI...
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
logo
Qorvo, Inc
QPA9501 QORVO-QPA9501_V01 Datasheet
846Kb / 10P
   3-Stage LTE-U/LAA Power Amplifier
June 26, 2020
QPA9501 QORVO-QPA9501 Datasheet
850Kb / 1P
   3-Stage LTE-U/LAA Power Amplifier
logo
TriQuint Semiconductor
TQQ0303 TRIQUINT-TQQ0303_15 Datasheet
383Kb / 6P
   LTE Band 3 Downlink Module
TQQ0302 TRIQUINT-TQQ0302_15 Datasheet
398Kb / 6P
   LTE Band 3 Uplink Module
logo
Vecow Co., Ltd.
ECS-8000-2R VECOW-ECS-8000-2R Datasheet
584Kb / 2P
   3 Mini PCIe Socket for 3G/ 4G/ LTE/ WiFi/ GPRS/ UMTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com