Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-5011-TR1 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-5011-TR1
Description  UMTS/LTE Band11 Band21 (1427.9 - 1462.9 MHz) 3 x 3 mm Power Amplifier Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-5011-TR1 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-5011-TR1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011-TR1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011-TR1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011-TR1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011-TR1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011-TR1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011-TR1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011-TR1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-5011-TR1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Absolute Maximum Ratings
No damage assuming only one parameter is set at limit at a time with all other parameters set at or below nominal value.
Operation of any single parameter outside these conditions with the remaining parameters set at or below nominal
values may result in permanent damage.
Description
Min.
Typ.
Max.
Unit
RF Input Power (Pin)
0
10.0
dBm
DC Supply Voltage (Vcc1, Vcc2)
0
3.4
5.0
V
Enable Voltage (Ven)
0
2.6
3.3
V
Mode Control Voltage (Vmode)
0
2.6
3.3
V
Bypass Control (Vbp)
0
2.6
3.3
V
Storage Temperature (Tstg)
-55
25
+125
°C
Recommended Operating Condition
Description
Min.
Typ.
Max.
Unit
DC Supply Voltage (Vcc1, Vcc2)
3.2
3.4
4.2
V
Enable Voltage (Ven)
Low
High
0
1.35
0
2.6
0.5
3.1
V
V
Mode Control Voltage (Vmode)
Low
High
0
1.35
0
2.6
0.5
3.1
V
V
Bypass Control Voltage (Vbp)
Low
High
0
1.35
0
2.6
0.5
3.1
V
V
Operating Frequency (fo)
1427.9
1462.9
MHz
Ambient Temperature (Ta)
-20
25
90
°C
Operating Logic Table
Power Mode
Ven
Vmode
Vbp
Pout
(UMTS Rel99)
Pout
(LTE MPR = 0 dB, HSPA+)
High Power Mode
High
Low
Low
~ 28.5 dBm
~ 27.5 dBm
Mid Power Mode
High
High
Low
~ 17 dBm
~ 16 dBm
Bypass Mode
High
High
High
~ 7 dBm
~ 6 dBm
Shut Down Mode
Low
Low
Low


Similar Part No. - ACPM-5011-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5013 AVAGO-ACPM-5013 Datasheet
353Kb / 14P
   3 x 3 mm Power Amplifier Module LTE Band13/14 (777-798 MHz)
ACPM-5013-BLK AVAGO-ACPM-5013-BLK Datasheet
353Kb / 14P
   3 x 3 mm Power Amplifier Module LTE Band13/14 (777-798 MHz)
ACPM-5013-TR1 AVAGO-ACPM-5013-TR1 Datasheet
353Kb / 14P
   3 x 3 mm Power Amplifier Module LTE Band13/14 (777-798 MHz)
More results

Similar Description - ACPM-5011-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5013 AVAGO-ACPM-5013 Datasheet
353Kb / 14P
   3 x 3 mm Power Amplifier Module LTE Band13/14 (777-798 MHz)
ACPM-5007 AVAGO-ACPM-5007 Datasheet
300Kb / 13P
   LTE Band7 (2500-2570 MHz) 3 x 3 mm Power Amplifi er Module
logo
RF Micro Devices
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
   3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
logo
Qorvo, Inc
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
   3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
logo
AVAGO TECHNOLOGIES LIMI...
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
logo
Qorvo, Inc
QPA9501 QORVO-QPA9501_V01 Datasheet
846Kb / 10P
   3-Stage LTE-U/LAA Power Amplifier
June 26, 2020
QPA9501 QORVO-QPA9501 Datasheet
850Kb / 1P
   3-Stage LTE-U/LAA Power Amplifier
logo
TriQuint Semiconductor
TQQ0303 TRIQUINT-TQQ0303_15 Datasheet
383Kb / 6P
   LTE Band 3 Downlink Module
TQQ0302 TRIQUINT-TQQ0302_15 Datasheet
398Kb / 6P
   LTE Band 3 Uplink Module
logo
Vecow Co., Ltd.
ECS-8000-2R VECOW-ECS-8000-2R Datasheet
584Kb / 2P
   3 Mini PCIe Socket for 3G/ 4G/ LTE/ WiFi/ GPRS/ UMTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com