Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-5013-BLK Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-5013-BLK
Description  3 x 3 mm Power Amplifier Module LTE Band13/14 (777-798 MHz)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-5013-BLK Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-5013-BLK Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-5013-BLK Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-5013-BLK Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-5013-BLK Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-5013-BLK Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-5013-BLK Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-5013-BLK Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-5013-BLK Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-5013-BLK Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Metallization
Solder Mask Opening
Solder Paste Stencil Aperture
PCB Design Guidelines
The recommended PCB land pattern is shown in figures
on the left side. The substrate is coated with solder mask
between the I/O and conductive paddle to protect the
gold pads from short circuit that is caused by solder
bleeding/bridging.
Stencil Design Guidelines
A properly designed solder screen or stencil is required
to ensure optimum amount of solder paste is deposited
onto the PCB pads.
The recommended stencil layout is shown here. Reducing
the stencil opening can potentially generate more voids.
On the other hand, stencil openings larger than 100% will
lead to excessive solder paste smear or bridging across the
I/O pads or conductive paddle to adjacent I/O pads. Con-
sidering the fact that solder paste thickness will directly
affect the quality of the solder joint, a good choice is to
use laser cut stencil composed of 0.100 mm (4 mils) or
0.127 mm (5 mils) thick stainless steel which is capable of
producing the required fine stencil outline.
0.30
0.60
0.35
0.55
0.45
on 0.5mm pitch
Ø 0.3mm
0.475
connected to a inner layer
through a via hole for a
better isolation between
CPL_IN(ISO) and RFout
0.65
0.45
0.50
0.60
1.50
1.30
0.525
0.55
0.45
1.10
1.10
0.60
0.35
0.475


Similar Part No. - ACPM-5013-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5011 AVAGO-ACPM-5011 Datasheet
977Kb / 13P
   UMTS/LTE Band11 Band21 (1427.9 - 1462.9 MHz) 3 x 3 mm Power Amplifier Module
ACPM-5011-BLK AVAGO-ACPM-5011-BLK Datasheet
977Kb / 13P
   UMTS/LTE Band11 Band21 (1427.9 - 1462.9 MHz) 3 x 3 mm Power Amplifier Module
ACPM-5011-TR1 AVAGO-ACPM-5011-TR1 Datasheet
977Kb / 13P
   UMTS/LTE Band11 Band21 (1427.9 - 1462.9 MHz) 3 x 3 mm Power Amplifier Module
More results

Similar Description - ACPM-5013-BLK

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77708 SKYWORKS-SKY77708 Datasheet
76Kb / 2P
   Power Amplifier Module for LTE / EUTRAN Bands XIII / XIV (777-798 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5011 AVAGO-ACPM-5011 Datasheet
977Kb / 13P
   UMTS/LTE Band11 Band21 (1427.9 - 1462.9 MHz) 3 x 3 mm Power Amplifier Module
ACPM-5007 AVAGO-ACPM-5007 Datasheet
300Kb / 13P
   LTE Band7 (2500-2570 MHz) 3 x 3 mm Power Amplifi er Module
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
logo
Skyworks Solutions Inc.
SKY77773 SKYWORKS-SKY77773 Datasheet
73Kb / 2P
   Power Amplifier Module for LTE Bands 13-14
logo
Qorvo, Inc
QPA9501 QORVO-QPA9501_V01 Datasheet
846Kb / 10P
   3-Stage LTE-U/LAA Power Amplifier
June 26, 2020
QPA9501 QORVO-QPA9501 Datasheet
850Kb / 1P
   3-Stage LTE-U/LAA Power Amplifier
logo
TriQuint Semiconductor
TQQ0303 TRIQUINT-TQQ0303_15 Datasheet
383Kb / 6P
   LTE Band 3 Downlink Module
TQQ0302 TRIQUINT-TQQ0302_15 Datasheet
398Kb / 6P
   LTE Band 3 Uplink Module
logo
TAI-SAW TECHNOLOGY CO.,...
TA1843DA TAI-SAW-TA1843DA Datasheet
785Kb / 8P
   SAW Rx Filter 1842.5 MHz LTE Band 3 SMD 1.1x0.9 mm (BW=75 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com