Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68332GCFC16 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MC68332GCFC16
Description  32-Bit Modular Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68332GCFC16 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MC68332GCFC16 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC68332GCFC16 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC68332GCFC16 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC68332GCFC16 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC68332GCFC16 Datasheet HTML 59Page - Freescale Semiconductor, Inc MC68332GCFC16 Datasheet HTML 60Page - Freescale Semiconductor, Inc MC68332GCFC16 Datasheet HTML 61Page - Freescale Semiconductor, Inc MC68332GCFC16 Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68332GCFC16 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
MC68332
MOTOROLA
MC68332TS/D
59
TCR1P — Timer Count Register 1 Prescaler Control
TCR1 is clocked from the output of a prescaler. The prescaler's input is the internal TPU system clock
divided by either 4 or 32, depending on the value of the PSCK bit. The prescaler divides this input by 1,
2, 4, or 8. Channels using TCR1 have the capability to resolve down to the TPU system clock divided
by 4.
TCR2P — Timer Count Register 2 Prescaler Control
TCR2 is clocked from the output of a prescaler. If T2CG = 0, the input to the TCR2 prescaler is the ex-
ternal TCR2 clock source. If T2CG = 1, the input is the TPU system clock divided by eight. The TCR2P
field specifies the value of the prescaler: 1, 2, 4, or 8. Channels using TCR2 have the capability to re-
solve down to the TPU system clock divided by 8. The following table is a summary of prescaler output.
PSCK = 0
PSCK = 1
TCR1 Prescaler
Divide
By
Number of
Clocks
Rate at
16 MHz
Number of
Clocks
Rate at
16 MHz
00
1
32
2 ms
4
250 ns
01
2
64
4 ms
8
500 ns
10
4
128
8 ms
16
1 ms
11
8
256
16 ms
32
2 ms
TCR2 Prescaler
Divide By
Internal Clock Divided
By
External Clock Divided
By
00
181
012162
104324
118648
TCR1
015
PSCK
MUX
÷ 4
DIV4 CLOCK
÷ 32
DIV32 CLOCK
TCR1
PRESCALER
00
÷ 1
01
÷ 2
10
÷ 4
11
÷ 8
SYSTEM
CLOCK
1 – DIV4
0 – DIV32
PRESCALER CTL BLOCK 1
PRESCALER CTL BLOCK 2
DIGITAL
FILTER
EXTERNAL
TCR2 PIN
TCR2
(T2CG CONTROL BIT)
0 – A
1 – B
015
A
B
MUX
CONTROL
TCR2
PRESCALER
00
÷ 1
01
÷ 2
10
÷ 4
11
÷ 8
INT CLK /8
SYNCHRONIZER
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68332GCFC16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68332GCFC16 MOTOROLA-MC68332GCFC16 Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68332GCFC16 FREESCALE-MC68332GCFC16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332GCFC16 FREESCALE-MC68332GCFC16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332GCFC16 FREESCALE-MC68332GCFC16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332GCFC16 FREESCALE-MC68332GCFC16 Datasheet
465Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
More results

Similar Description - MC68332GCFC16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68332GCEH25 FREESCALE-MC68332GCEH25 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332ACEH20 FREESCALE-MC68332ACEH20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68CK331CAG16 FREESCALE-MC68CK331CAG16 Datasheet
598Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68331 MOTOROLA-MC68331 Datasheet
2Mb / 84P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68332ACEH16 FREESCALE-MC68332ACEH16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68F333 NXP-MC68F333 Datasheet
447Kb / 16P
   32-Bit Modular Microcontroller
MC68332 NXP-MC68332 Datasheet
855Kb / 88P
   32-Bit Modular Microcontroller
Rev. 2
MC68CK338 NXP-MC68CK338 Datasheet
1Mb / 133P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68331TS FREESCALE-MC68331TS Datasheet
616Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68332TS MOTOROLA-MC68332TS Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com