Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68332GCFC16 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MC68332GCFC16
Description  32-Bit Modular Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68332GCFC16 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MC68332GCFC16 Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68332GCFC16 Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68332GCFC16 Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68332GCFC16 Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68332GCFC16 Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68332GCFC16 Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68332GCFC16 Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68332GCFC16 Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68332GCFC16 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
MOTOROLA
MC68332
66
MC68332TS/D
6.3 Pin Function
The following table is a summary of the functions of the QSM pins when they are not configured for gen-
eral-purpose I/O. The QSM data direction register (DDRQS) designates each pin except RXD as an in-
put or output.
6.4 QSM Registers
QSM registers are divided into four categories: QSM global registers, QSM pin control registers, QSPI
submodule registers, and SCI submodule registers. The QSPI and SCI registers are defined in separate
sections below. Writes to unimplemented register bits have no meaning or effect, and reads from unim-
plemented bits always return a logic zero value.
The module mapping bit of the SIM configuration register (SIMCR) defines the most significant bit
(ADDR23) of the address, shown in each register figure as Y (Y = $7 or $F). This bit, concatenated with
the rest of the address given, forms the absolute address of each register. Refer to the SIM section of
this technical summary for more information about how the state of MM affects the system.
6.4.1 Global Registers
The QSM global registers contain system parameters used by both the QSPI and the SCI submodules.
These registers contain the bits and fields used to configure the QSM.
The QSMCR contains parameters for the QSM/CPU/intermodule bus (IMB) interface.
STOP — Stop Enable
0 = Normal QSM clock operation
1 = QSM clock operation stopped
STOP places the QSM in a low-power state by disabling the system clock in most parts of the module.
The QSMCR is the only register guaranteed to be readable while STOP is asserted. The QSPI RAM is
not readable. However, writes to RAM or any register are guaranteed to be valid while STOP is assert-
ed. STOP can be negated by the CPU and by reset.
Pin
Mode
Pin Function
MISO
Master
Serial Data Input to QSPI
QSPI Pins
Slave
Serial Data Output from QSPI
MOSI
Master
Serial Data Output from QSPI
Slave
Serial Data Input to QSPI
SCK
Master
Clock Output from QSPI
Slave
Clock Input to QSPI
PCS0/SS
Master
Input: Assertion Causes Mode Fault
Output: Selects Peripherals
Slave
Input: Selects the QSPI
PCS[3:1]
Master
Output: Selects Peripherals
Slave
None
SCI Pins
TXD
Transmit
Serial Data Output from SCI
RXD
Receive
Serial Data Input to SCI
QSMCR — QSM Configuration Register
$YFFC00
15
14
13
12
11
10
9
8
7
6
5
4
3
0
STOP
FRZ1
FRZ0
0
0
0
0
0
SUPV
0
0
0
IARB
RESET:
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68332GCFC16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68332GCFC16 MOTOROLA-MC68332GCFC16 Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68332GCFC16 FREESCALE-MC68332GCFC16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332GCFC16 FREESCALE-MC68332GCFC16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332GCFC16 FREESCALE-MC68332GCFC16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332GCFC16 FREESCALE-MC68332GCFC16 Datasheet
465Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
More results

Similar Description - MC68332GCFC16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68332GCEH25 FREESCALE-MC68332GCEH25 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332ACEH20 FREESCALE-MC68332ACEH20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68CK331CAG16 FREESCALE-MC68CK331CAG16 Datasheet
598Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68331 MOTOROLA-MC68331 Datasheet
2Mb / 84P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68332ACEH16 FREESCALE-MC68332ACEH16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68F333 NXP-MC68F333 Datasheet
447Kb / 16P
   32-Bit Modular Microcontroller
MC68332 NXP-MC68332 Datasheet
855Kb / 88P
   32-Bit Modular Microcontroller
Rev. 2
MC68CK338 NXP-MC68CK338 Datasheet
1Mb / 133P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68331TS FREESCALE-MC68331TS Datasheet
616Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68332TS MOTOROLA-MC68332TS Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com